Electronic Components Datasheet Search
  English  ▼

X  

SLG55544 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG55544
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55544 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG55544 Datasheet HTML 1Page - Renesas Technology Corp SLG55544 Datasheet HTML 2Page - Renesas Technology Corp SLG55544 Datasheet HTML 3Page - Renesas Technology Corp SLG55544 Datasheet HTML 4Page - Renesas Technology Corp SLG55544 Datasheet HTML 5Page - Renesas Technology Corp SLG55544 Datasheet HTML 6Page - Renesas Technology Corp SLG55544 Datasheet HTML 7Page - Renesas Technology Corp SLG55544 Datasheet HTML 8Page - Renesas Technology Corp SLG55544 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
000-00055544-104
Page 2 of 19
SLG55544
Pin Description
Pin #
Name
Type
Description
1
VIN
PWR
Input voltage, connect a 0.1
µF or greater ceramic capacitor from IN to GND
as close to the device as possible
2
DM_OUT
Input/Output
D- data line to USB host controller
3
DP_OUT
Input/Output
D+ data line to USB host controller
4
ILIM_SEL
Input
Logic level input signal used to dynamically change power switch cur-
rent-limit threshold; logic LOW selects ILIM_L, logic HIGH selects ILIM_H
5
EN
Input
Logic level control input for turning the power switch and the signal switches
on/off.
When EN is LOW, the device is disabled, the signal and power switches
are OFF.
6
CTL1
Input
Logic level control inputs for controlling the charging mode and the signal
switches. The “000” configuration is used to force and discharge of the
output (VOUT) capacitor.
7
CTL2
Input
8
CTL3
Input
9
NC
NC
No Connect. Open or connect to Ground
10
DP_IN
Input/Output
D+ data line to connector, input/output used for hand-shaking with portable
equipment
11
DM_IN
Input/Output
D- data line to connector, input/output used for hand-shaking with portable
equipment
12
VOUT
PWR
Power switch output
13
FAULT#
Output
Active low open drain output, asserted during over-temperature or
current-limit conditions
14
GND
GND
Ground
15
ILIM_L
Input
External resistor used to set current-limit threshold when ILIM_SEL is LOW.
See current limit setting in detailed description.
16
ILIM_H
Input
External resistor used to set current-limit threshold when ILIM_SEL is
HIGH. See current limit setting in detailed description.
17
Thermal Pad
GND
Ground
Ordering Information
Part Number
Type
SLG55544V
TQFN-16
SLG55544VTR
TQFN-16 - Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com