Electronic Components Datasheet Search
  English  ▼

X  

JLLS080.V Datasheet(PDF) 2 Page - Littelfuse

Part # JLLS080.V
Description  600 V ac • Fast-Acting • 1–1200 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLLS080.V Datasheet(HTML) 2 Page - Littelfuse

  JLLS080.V Datasheet HTML 1Page - Littelfuse JLLS080.V Datasheet HTML 2Page - Littelfuse JLLS080.V Datasheet HTML 3Page - Littelfuse JLLS080.V Datasheet HTML 4Page - Littelfuse JLLS080.V Datasheet HTML 5Page - Littelfuse JLLS080.V Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
Class T Fuses
JLLS Series
Littelfuse.com/JLLS
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/14/2022
Specifications
Voltage Ratings
Ac: 600 V
Dc: 300 V
Ampere Range
1–1200 A
Interrupting Rating
Ac: 200 kA rms symmetrical
Dc: 20 kA Littelfuse self-certified
Material
1–30 A: melamine body, copper caps
35–60 A: melamine body, bronze caps
70–1200 A: melamine body, copper caps
Applicable Standards
UL 248-15, Class T
Environmental
RoHS Compliant
Country of Origin
Mexico
Certification & Compliance
UL
UL Listed (File: E81895)
CSA
CSA Certified (File: LR29862)
CE
Declaration of Conformity: EU_DOC-JLLS_210701
RoHS
RoHS 2 Directive 2011/65/EU; Directive (EU) 2015/863
Accessories
LFT60 series fuse holder
LSCR series fuse holder for 70–800 amperes
Ordering Information
UNPLATED
PLATED
AMPERE
CATALOG
NUMBER
PRODUCT
MARKING
PACK
QUANTITY
ORDERING
NUMBER
UPC
CATALOG
NUMBER
PRODUCT
MARKING
PACK
QUANTITY
ORDERING
NUMBER
UPC
1
JLLS001
JLLS 1A
10
JLLS001.T
07945819031
JLLS001P
JLLS 1A-P
10
JLLS001.TXP 07945882156
2
JLLS002
JLLS 2A
10
JLLS002.T
07945819041
JLLS002P
JLLS 2A-P
10
JLLS002.TXP 07945882157
3
JLLS003
JLLS 3A
10
JLLS003.T
07945819047
JLLS003P
JLLS 3A-P
10
JLLS003.TXP 07945882158
6
JLLS006
JLLS 6A
10
JLLS006.T
07945819058
JLLS006P
JLLS 6A-P
10
JLLS006.TXP 07945882159
10
JLLS010
JLLS 10A
10
JLLS010.T
07945819065
JLLS010P
JLLS 10A-P
10
JLLS010.TXP 07945882160
15
JLLS015
JLLS 15A
10
JLLS015.T
07945819068
JLLS015P
JLLS 15A-P
10
JLLS015.TXP 07945882161
20
JLLS020
JLLS 20A
10
JLLS020.T
07945819071
JLLS020P
JLLS 20A-P
10
JLLS020.TXP 07945882162
25
JLLS025
JLLS 25A
10
JLLS025.T
07945819072
JLLS025P
JLLS 25A-P
10
JLLS025.TXP 07945882163
30
JLLS030
JLLS 30A
10
JLLS030.T
07945819073
JLLS030P
JLLS 30A-P
10
JLLS030.TXP 07945882164
35
JLLS035
JLLS 35A
10
JLLS035.T
07945819074
JLLS035P
JLLS 35A-P
10
JLLS035.TXP 07945882165
40
JLLS040
JLLS 40A
10
JLLS040.T
07945819075
JLLS040P
JLLS 40A-P
10
JLLS040.TXP 07945882166
45
JLLS045
JLLS 45A
10
JLLS045.T
07945819076
JLLS045P
JLLS 45A-P
10
JLLS045.TXP 07945882167
50
JLLS050
JLLS 50A
10
JLLS050.T
07945819077
JLLS050P
JLLS 50A-P
10
JLLS050.TXP 07945882168
60
JLLS060
JLLS 60A
10
JLLS060.T
07945819078
JLLS060P
JLLS 60A-P
10
JLLS060.TXP 07945882169
70
JLLS070
JLLS 70A
5
JLLS070.V
07945819079
JLLS070P
JLLS 70A-P
5
JLLS070.VXP 07945882170
80
JLLS080
JLLS 80A
5
JLLS080.V
07945819080
JLLS080P
JLLS 80A-P
5
JLLS080.VXP 07945882171
90
JLLS090
JLLS 90A
5
JLLS090.V
07945819081
JLLS090P
JLLS 90A-P
5
JLLS090.VXP 07945882172
100
JLLS100
JLLS 100A
5
JLLS100.V
07945819082
JLLS100P
JLLS 100A-P
5
JLLS100.VXP 07945882173



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com