Electronic Components Datasheet Search
  English  ▼

X  

CPD82X Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD82X
Description  Schottky Diode High Current, Low VF Schottky Diode Chip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD82X Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD82X Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROCESS
CPD82X
Schottky Diode
High Current, Low VF Schottky Diode Chip
PRINCIPAL DEVICE TYPES
CMDSH2-3
CMDSH2-4L
CMOSH2-4L
CMUSH2-4L
CMKSH2-4L
CMXSH2-4L
Process
EPITAXIAL PLANAR
Die Size
14.6 x 14.6 MILS
Die Thickness
5.5 MILS
Anode Bonding pad Area
11.8 x 11.8 MILS
Top Side Metalization
Al - 30,000Å
Back Side Metalization
Au - 12,000Å
PROCESS DETAILS
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel:
(631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
GEOMETRY
R0 (20- January 2006)
GROSS DIE PER 4 INCH WAFER
52,965
Central
Semiconductor Corp.
TM


Similar Part No. - CPD82X

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD82X-CMDSH2-3 CENTRAL-CPD82X-CMDSH2-3 Datasheet
465Kb / 4P
Schottky Diode Die 0.2 Amp, 30 Volt
R1 6-February 2017
CPD82X CENTRAL-CPD82X_10 Datasheet
403Kb / 2P
Schottky Diode High Current, Low VF Schottky Diode Chip
More results

Similar Description - CPD82X

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD48 CENTRAL-CPD48 Datasheet
203Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD48V CENTRAL-CPD48V Datasheet
186Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD96V CENTRAL-CPD96V Datasheet
126Kb / 2P
Schottky Diode 500mA Low VF Schottky Diode Chip
CPD48V CENTRAL-CPD48V_10 Datasheet
396Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD82X CENTRAL-CPD82X_10 Datasheet
403Kb / 2P
Schottky Diode High Current, Low VF Schottky Diode Chip
CPD96V CENTRAL-CPD96V_10 Datasheet
468Kb / 2P
Schottky Diode 500mA Low VF Schottky Diode Chip
CPD104R CENTRAL-CPD104R Datasheet
717Kb / 2P
Schottky Diode Low VF Schottky Diode Chip
CPD109R CENTRAL-CPD109R Datasheet
626Kb / 2P
Low VF Schottky Diode Chip
CMPSH05-4 CENTRAL-CMPSH05-4_15 Datasheet
328Kb / 2P
HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMPSH05-4C CENTRAL-CMPSH05-4C_15 Datasheet
344Kb / 2P
HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com