Electronic Components Datasheet Search
  English  ▼

X  

CPD92V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD92V
Description  Schottky Diode High Voltage Schottky Diode Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD92V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD92V Datasheet HTML 1Page - Central Semiconductor Corp CPD92V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROCESS
CPD92V
Schottky Diode
High Voltage Schottky Diode Chip
PRINCIPAL DEVICE TYPES
CMDD6263
CMKD6263
CMLD6263 Series
CMOD6263
CMPD6263 SERIES
CMSD6263 SERIES
CMUD6263 Series
1N6263
GEOMETRY
PROCESS DETAILS
BACKSIDE CATHODE
R0 (13 -February 2006)
Process
EPITAXIAL PLANAR
Die Size
9.0 x 9.0 MILS
Die Thickness
7.1 MILS
Anode Bonding Pad Area
4.8 MILS DIAMETER
Top Side Metalization
Al - 30,000Å
Back Side Metalization
Au - 12,000Å
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel:
(631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
GROSS DIE PER 4 INCH WAFER
139,050


Similar Part No. - CPD92V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD92-CMPD6263-CT CENTRAL-CPD92-CMPD6263-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CPD92-CMPD6263-CT CENTRAL-CPD92-CMPD6263-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
CPD92-CMUD6263E-CT CENTRAL-CPD92-CMUD6263E-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CPD92-CMUD6263E-CT CENTRAL-CPD92-CMUD6263E-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CPD92V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD48 CENTRAL-CPD48 Datasheet
203Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD48V CENTRAL-CPD48V Datasheet
186Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD98V CENTRAL-CPD98V Datasheet
30Kb / 1P
Schottky Diode Silicon High Current Schottky Diode Chip
logo
Microsemi Corporation
APT2X101S20J MICROSEMI-APT2X101S20J Datasheet
221Kb / 4P
HIGH VOLTAGE SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD48V CENTRAL-CPD48V_10 Datasheet
396Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD98V CENTRAL-CPD98V_10 Datasheet
407Kb / 2P
Schottky Diode Silicon High Current Schottky Diode Chip
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD92X CENTRAL-CPD92X Datasheet
375Kb / 2P
High Voltage Schottky Diode Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com