Electronic Components Datasheet Search
  English  ▼

X  

DGD0504 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD0504
Description  100V HALF-BRIDGE GATE DRIVER IN W-DFN3030-10
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0504 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD0504 Datasheet HTML 1Page - Diodes Incorporated DGD0504 Datasheet HTML 2Page - Diodes Incorporated DGD0504 Datasheet HTML 3Page - Diodes Incorporated DGD0504 Datasheet HTML 4Page - Diodes Incorporated DGD0504 Datasheet HTML 5Page - Diodes Incorporated DGD0504 Datasheet HTML 6Page - Diodes Incorporated DGD0504 Datasheet HTML 7Page - Diodes Incorporated DGD0504 Datasheet HTML 8Page - Diodes Incorporated DGD0504 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD0504
Document number: DS38668 Rev. 3 - 2
1 of 11
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD0504
100V HALF-BRIDGE GATE DRIVER IN W-DFN3030-10
Description
The
DIODES™ DGD0504 is a high-voltage, high-speed gate driver
capable of driving N-channel MOSFETs and IGBTs in a half-bridge
configuration.
High-voltage
processing
techniques
enable
the
DGD0504
’s high-side to switch to 100V in a bootstrap operation.
The DGD0504 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with controlling
devices. The driver outputs feature high-pulse current buffers
designed for minimum driver cross conduction. DGD0504 has a fixed
internal deadtime of 430ns (typical).
The DGD0504 is offered in the W-DFN3030-10 (Type TH) package
and operates over an extended -40°C to +125°C temperature range.
Applications
DC-DC converters
DC-AC inverters
AC-DC power supplies
Motor controls
Class D power amplifiers
Features
Floating High-Side Driver in Bootstrap Operation to 100V
Drives Two N-Channel MOSFETs or IGBTs in a Half-Bridge
Configuration
290mA Source/600mA Sink Output Current Capability
Outputs Tolerant to Negative Transients
Internal Dead Time of 430ns to Protect MOSFETs
Wide Low-Side Gate Driver Supply Voltage: 10V to 20V
Logic Input (IN and SD*) 3.3V Capability
Schmitt Triggered Logic Inputs
Undervoltage Lockout for VCC (Logic and Low Side Supply)
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable,
and
manufactured
in
IATF
16949
certified
facilities),
please
contact
us
or
your
local
Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: W-DFN3030-10
Package Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Finish
Solderable per MIL-STD-202, Method 208
Weight: 0.017 grams (Approximate)
Ordering Information (Note 4)
Part Number
Package
Marking
Reel Size (inches)
Tape Width (mm)
Packing
Qty.
Carrier
DGD0504FN-7
W-DFN3030-10 (Type TH)
DGD0504
7
8
3,000
Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
W-DFN3030-10 (Type TH)
Typical Configuration
YYWW
DGD0504
DGD0504 = Product Type Marking Code
YY = Year (ex: 22 = 2022)
WW = Week (01 to 53)
Top View
Bottom View


Similar Part No. - DGD0504

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0504 DIODES-DGD0504 Datasheet
575Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD0504FN-7 DIODES-DGD0504FN-7 Datasheet
575Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
More results

Similar Description - DGD0504

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
100V / 1.4A Peak Half Bridge Gate Driver
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
logo
Intersil Corporation
EL7761 INTERSIL-EL7761 Datasheet
121Kb / 5P
100V Half Bridge Driver
January 1996
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Monolithic Power System...
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
logo
Monolithic Power System...
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com