Electronic Components Datasheet Search
  English  ▼

X  

DGD0636M Datasheet(PDF) 11 Page - Diodes Incorporated

Part # DGD0636M
Description  3-PHASE HALF-BRIDGE GATE DRIVER IN SO28
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0636M Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button DGD0636M Datasheet HTML 4Page - Diodes Incorporated DGD0636M Datasheet HTML 5Page - Diodes Incorporated DGD0636M Datasheet HTML 6Page - Diodes Incorporated DGD0636M Datasheet HTML 7Page - Diodes Incorporated DGD0636M Datasheet HTML 8Page - Diodes Incorporated DGD0636M Datasheet HTML 9Page - Diodes Incorporated DGD0636M Datasheet HTML 10Page - Diodes Incorporated DGD0636M Datasheet HTML 11Page - Diodes Incorporated DGD0636M Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DGD0636M
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-28 (Type TH)
SO-28 (Type TH)
Dim
Min
Max
Typ
A
--
2.65
--
A1
0.10
0.30
--
A2
2.25
2.35
2.30
A3
0.97
1.07
1.02
b
0.39
0.48
--
c
0.25
0.31
--
D
17.80
18.20
18.00
E
10.10
10.50
10.30
E1
7.30
7.70
7.50
e
1.27 BSC
L
0.70
1.00
--
L1
1.40 BSC
θ
0°
8°
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-28 (Type TH)
Dimensions
Value
(in mm)
C
1.270
X
0.680
X1
17.190
Y
2.200
Y1
11.300
Note:
For high-voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device Terminals and PCB tracking.
1
Seating Plane
D
E1
b
e
E
A
A2
A3
c
L1
L
0
A1
Pin#1 ID
C
X
X1
Y1
Y
DGD0636M
Document Number DS41731 Rev. 1 – 2
11 of 12
www.diodes.com
February 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com