Electronic Components Datasheet Search
  English  ▼

X  

WCM2801 Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # WCM2801
Description  AC / DC Sensing Current Module with Digital Data output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCM2801 Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  WCM2801 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. WCM2801 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WCM2801
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2020/11/17
Page 3
Electrical Characteristics:
-50C
TOP =
25˚C, VDD = 5.0V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Operation Voltage
-
4.9
5
5.1
V
IDD
Operation Current
-
-
6
8
mA
IOP
AC Current Range
-
0
-
0.5
A
DC Current Range
-
0
-
±0.7
A
TOP
Operating Temperature
-
-20
-
70
˚C
ETOT
AC Current Total Output
Error
IOP=0~0.2A,TOP=
25˚C
-
±2
-
mA
IOP=0.2~0.5A,TOP=
25˚C
-
±1
-
%
IOP=0~0.5A,
TOP=-
20˚C to 70˚C
-
±5
-
%
DC Current Total Output
Error
IOP=
±(0~0.2A),TOP=25˚C
-
±2
-
mA
IOP=
±(0.2~0.7A),TOP=25˚C
-
±1
-
%
IOP=0~
±0.7A,
TOP=-
20˚C to 70˚C
-
±5
-
%
System Start Up Time Characteristics:
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TSST
System Start-up Time
(Wake-up)
-
-
10
-
ms
TRSTD
System Reset Delay
Time
-
-
1
-
s
Error Diagram: (TOP = 25˚C, VDD = 5.0V)
0
0.002
0.004
0.006
0.008
0.01
0
0.1
0.2
Current(A)
Current Error vs. Sensed Current
AC
DC+
DC-
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
0.2
0.3
0.4
0.5
0.6
0.7
Current(A)
Current Error vs. Sensed Current
AC
DC+
DC-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com