Electronic Components Datasheet Search
  English  ▼

X  

WCS2810 Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # WCS2810
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS2810 Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  WCS2810 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS2810 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS2810 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS2810 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS2810 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WCS2810
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2019/2/18
Hall Effect Base Linear Current Sensor
Features:
Low noise analog signal path
0.5 mΩ internal conductor resistance
Output voltage proportional to AC and DC current
Current Sensing range 0~10A at 5V voltage supply
High Sensitivity 135 mV/A
Wide operating voltage range 3.0~12 V
Low operating current 3mA
Nearly zero magnetic hysteresis
Ratiometric output from supply voltage
23K Hz bandwidth
Functional Description :
The Winson WCS2810 provides economical and precise solution for both DC and
AC current sensing in industrial, commercial and communications systems. The
unique package allows for easy implementation by the customer. Typical applications
include motor control, load detection and management, over-current fault detection
and any intelligent power management system etc…
The WCS2810 consists of a precise, low-temperature drift linear hall sensor IC
with temperature compensation circuit and a current path with 0.4 mΩ typical
internal conductor resistance. This extremely low resistance can effectively reduce
power loss, operating temperature and increase the reliability greatly. Applied
current flowing through this conduction path generates a magnetic field which is
sensed by the integrated Hall IC and converted into a proportional voltage.
The terminals of the conductive path are electrically isolated from the sensor
leads. This allow the WCS2810 current sensor to be used in applications requiring
electrical isolation without the use of opto-isolators or other costly isolation
techniques and make system more competitive in cost.


Similar Part No. - WCS2810

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
logo
Winson Semiconductor Co...
WCS2800 WINSON-WCS2800_17 Datasheet
502Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2801 WINSON-WCS2801 Datasheet
642Kb / 5P
Low noise analog signal path
logo
DIWELL Electronics Co.,...
WCS2801 DIWELL-WCS2801 Datasheet
635Kb / 5P
Hall Effect Base Linear Current Sensor
2016/10/12
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801_17 Datasheet
642Kb / 5P
Hall Effect Base Linear Current Sensor
More results

Similar Description - WCS2810

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com