Electronic Components Datasheet Search
  English  ▼

X  

WCS37A50 Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # WCS37A50
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS37A50 Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  WCS37A50 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS37A50 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WCS37A50
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2019/5/13
Page 1
Hall Effect Base Linear Current Sensor
Features
 Low noise analog signal path
 1.5
Ω internal conductor resistance
 Output voltage proportional to AC and DC current
 Min. sensing current 0 ~ 0.5 A at 5 V voltage supply
 High Sensitivity 3.5 mV/mA
 Wide operating voltage range 3.0 ~ 12 V
 Low operating current 3 mA
 Nearly zero magnetic hysteresis
 Ratiometric output from supply voltage
 10K Hz bandwidth
Functional Description
The Winson WCS37A50 provides economical and precise solution for both
DC and AC current sensing in industrial, commercial and communications
systems. The unique package allows for easy implementation by the customer.
Typical applications include motor control, load detection and management,
over-current fault detection and any intellige
nt power management system etc…
The WCS37A50 consists of a precise, low-temperature drift linear hall sensor
IC with temperature compensation circuit and a current path with 1.5
Ω typical
internal conductor resistance. This extremely low resistance can effectively
reduce power loss, operating temperature and increase the reliability greatly.
Applied current flowing through this conduction path generates a magnetic field
which is sensed by the integrated Hall IC and converted into a proportional
voltage.
The terminals of the conductive path are electrically isolated from the sensor
leads. This allow the WCS37A50 current sensor to be used in applications
requiring electrical isolation without the use of opto-isolators or other costly
isolation techniques and make system more competitive in cost.


Similar Part No. - WCS37A50

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
More results

Similar Description - WCS37A50

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com