Electronic Components Datasheet Search
  English  ▼

X  

WCSA760 Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # WCSA760
Description  Adjustable Current Switch Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCSA760 Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  WCSA760 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. WCSA760 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WCSA760
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2020/1/16
Page 1
Adjustable Current Switch Device
Features:
 Current switch, current measurement and on-site calibration
 Response time 500ns
 High Resolution ±0.25A
 Wide sensing current range 0~60A
 Output “High” when VIP > Vset
 Output “Low” when VIP < Vset
 Diameter 9.0 mm conductor through hole
 Wide operating voltage range 3.0~12V
 Almost zero hysteresis
 23K Hz Bandwidth
 Isolation voltage 4000V
 Diameter 9.0 mm conductor through hole
Functional Description :
The Winson WCSA760 is a current switch designed for current switching
and current measuring. The current switching can be adjusted through
providing reference voltage to the Vset Pin. The output voltage (Vout) turns to
high voltage level when the internal voltage (VIP) is greater than the reference
voltage (Vset). In contrast, the output turns to the low level. Typical applications
include short circuit detection, over-current fault detection, and etc. For the
current measuring, it provides a precise solution for both DC and AC current
sensing in industrial, and users can also adjust the reference voltage value of
current switch mode on-site by measuring current mode.
The WCSA760 consists of a precise, low-temperature drift linear hall
sensor IC with temperature compensation circuit and a diameter 9.0 mm
through hole. Any current flowing through this hole will generate a magnetic
field which is sensed by the integrated Hall IC and converted into a
proportional output voltage.
The terminals of the conductive path are electrically isolated from the
sensor leads. This allows the WCSA760 current sensor to be used in
applications requiring electrical isolation without the usage of opto-isolators or
other costly isolation techniques.


Similar Part No. - WCSA760

ManufacturerPart #DatasheetDescription
logo
Level One
WCS-0030 LVL1-WCS-0030 Datasheet
402Kb / 6P
Megapixel Wireless PIR Lighting Network Camera
WCS-0050 LVL1-WCS-0050 Datasheet
432Kb / 6P
150Mbps Wireless Megapixel Network Camera
WCS-0050 LVL1-WCS-0050 Datasheet
817Kb / 3P
4-CH Network Video Recorder
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
WCS-6050 LVL1-WCS-6050 Datasheet
513Kb / 6P
5-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
More results

Similar Description - WCSA760

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
Adjustable Current Limit Power Distribution Switch
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
Dual-Output Adjustable Current Limit Switch
logo
ACE Technology Co., LTD...
ACE345 ACE-ACE345 Datasheet
973Kb / 8P
Adjustable USB Load Current Switch
VER 1.2
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2554 BELLING-BL2554 Datasheet
455Kb / 6P
Adjustable USB Load Current Switch
logo
ACE Technology Co., LTD...
ACE345E ACE-ACE345E Datasheet
459Kb / 11P
Adjustable USB Load Current Switch
VER 1.2
logo
SHENZHEN FUMAN ELECTRON...
EC100D FUMAN-EC100D Datasheet
135Kb / 4P
Current limiting adjustable analog switch IC
logo
AiT Semiconductor Inc.
A4776 AITSEMI-A4776 Datasheet
837Kb / 10P
SWITCH ADJUSTABLE USB LOAD CURRENT SWITCH
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com