Electronic Components Datasheet Search
  English  ▼

X  

WSH131 Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # WSH131
Description  Omnipolar Hall Effect Switch IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WSH131 Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  WSH131 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WSH131 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WSH131 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WSH131 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WSH131
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2017/4/7(Rev. B)
Page 1 / 4
Omnipolar Hall Effect Switch IC
Features:
 Operates from 2.4V to 26V supply voltage
 Operation with North or South Pole
 On-chip Hall Sensor and driver
 On-chip temperature compensation circuitry minimizes shifts in On/Off points
temperature and supply voltage
 On-chip voltage regulator to stabilize On/Off switch point
 Wide range operating temperature –20 ~ 85℃
 Easily Manufacturability with magnet pole independence
South or North magnetic field: Output Low
No magnetic field : Output High.
Functional Description:
WSH131 is designed to integrate pole independent Hall sensor with output driver
together on the same chip. Either North or South magnetic field with sufficient
strength will turn the output on (low). In the absence of a magnetic field, output is off
(high). The polarity independence allow WSH131 to easily replace reed switches for
superior reliability and case of manufacturing.
To improve stability, it includes a temperature compensated voltage regulator, a
differential amplifier, a Hysteresis controller and a open-collector output driver
capable of sinking up to 20mA current load. The temperature-dependent bias
increases the supply voltage of the hall plates and adjusts the switching points to the
decreasing induction of magnets at higher temperatures. Subsequently, the output can
keep switching on/off on more precise switch point regardless to the ambient
temperature.
WSH131 are rated for operation over temperature range from –20
˚ C
to 85
˚C and voltage ranges from 2.4V to 26V.
Pin Descriptions:
Name
P/I/O
Pin#
Description
Vdd
P
1
Positive Power Supply
Gnd
P
2
Ground
Vout
O
3
Output Pin


Similar Part No. - WSH131

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
Omnipolar Hall Effect Switch IC
WSH131 WINSON-WSH131 Datasheet
142Kb / 4P
Omnipolar Hall Effect Switch IC
WSH131-XPAN3 WINSON-WSH131-XPAN3 Datasheet
147Kb / 5P
Unipolar Hall Effect Switch IC
WSH131-XPAN3 WINSON-WSH131-XPAN3 Datasheet
103Kb / 4P
Omnipolar Hall Effect Switch IC
WSH131-XPAN5 WINSON-WSH131-XPAN5 Datasheet
147Kb / 5P
Unipolar Hall Effect Switch IC
More results

Similar Description - WSH131

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH180N DIODES-AH180N Datasheet
194Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
DS32174 Rev. 3 - 2
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
Rev 1
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_13 Datasheet
142Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
Digital-Omnipolar-Switch Hall Effect Sensor
logo
Allegro MicroSystems
A1126 ALLEGRO-A1126_16 Datasheet
775Kb / 14P
Chopper-Stabilized Omnipolar Hall-Effect Switch
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_17 Datasheet
178Kb / 4P
Omnipolar Hall Effect Switch IC
logo
Shenzhen Huazhimei Semi...
HM90248 HMSEMI-HM90248 Datasheet
628Kb / 6P
Omnipolar竊똌icroPower Hall-Effect Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com