Electronic Components Datasheet Search
  English  ▼

X  

WSH133 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # WSH133
Description  Bipolar Hall Effect Switch IC with built-in pull high resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WSH133 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  WSH133 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WSH133 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WSH133 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WSH133 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSH133
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2017/4/7
Page 2 / 4
Absolute Maximum Rating (at Ta=25˚ C)
Supply Voltage
Vcc --------------------------
26V
Output breakdown Voltage
Vout(breakdown) ----------------
26V
Magnetic flux density
B
--------------------------
Unlimited
Output ON Current (continuous)
Ic
--------------------------
20 mA
Operating Temperature Range
Ta
--------------------------
(-40
˚C to +125˚C)
Storage Temperature Range
Ts
--------------------------
(-65
˚C to +150˚C)
Package Power Dissipation
Pd
--------------------------
500mw
Electrical Characteristics:
(T=+25
˚C, Vcc=2.4V to 24V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
─
2.4
─
24
V
Output Saturation
Voltage
Vout
(sat)
Vcc=12V,Ic=10mA
B = 0 Guass
─
0.2
0.6
V
Output Leakage
Current
Ileakage Vcc=12V, B< Brp
─
<0.1
10
uA
Supply Current
Isupply Vcc=12V, B> Bop
─
2.4
4
mA
Function Block:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com