Electronic Components Datasheet Search
  English  ▼

X  

WSH136 Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # WSH136
Description  Linear Hall Effect Sensor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WSH136 Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  WSH136 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WSH136 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WSH136 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WSH136 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WSH136 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WSH136
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2017/12/22
Page 1
Linear Hall Effect Sensor IC
Features:
 Wide operating range 3.0~12V, -40℃~125℃
 Flat Response to 23kHz
 High Sensitivity 3.0mV/G
 Wide sensible magnetic field range on different supplied voltage
±600 Gauss on 5V supplied voltage
±1500 Gauss on 12V supplied voltage. Low operating current 3mA
 Two package styles TO-92S/SOT-23 available.
 Built-in temperature compensated circuit to
minimize temperature’s effect
Functional Description :
The W136 integrates Hall sensing element, linear amplifer, sensitivity
controller and emitter follower output stage.It accurately tracks extremely small
change in magnetic flux density
–generally too small to operate Hall effect
switch.
W136 can be applied as current sensor, tooth sensor, proximity detectors
and motion detectors. As sensitive monitor of magnetic flux, it can effectively
measure a system’s performance with negligible system loading while
providing isolation from contaminated and electrically noisy environments.


Similar Part No. - WSH136

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH136 WINSON-WSH136 Datasheet
98Kb / 3P
Linear Hall Effect Sensor IC
WSH136 WINSON-WSH136 Datasheet
279Kb / 5P
Linear Hall Effect Sensor IC
WSH136 WINSON-WSH136 Datasheet
284Kb / 5P
Linear Hall Effect Sensor IC
WSH136-XPAN2 WINSON-WSH136-XPAN2 Datasheet
284Kb / 5P
Linear Hall Effect Sensor IC
WSH136-XPAN2 WINSON-WSH136-XPAN2 Datasheet
279Kb / 5P
Linear Hall Effect Sensor IC
More results

Similar Description - WSH136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
Linear Hall Effect Sensor IC
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
Linear Hall Effect Sensor IC
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH138 DIWELL-WSH138 Datasheet
482Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH202 DIWELL-WSH202 Datasheet
487Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH203 DIWELL-WSH203 Datasheet
518Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com