Electronic Components Datasheet Search
  English  ▼

X  

CPS130 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPS130
Description  Silicon Controlled Rectifier 16 Amp Sensitive Gate SCR Chip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPS130 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPS130 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROCESS
CPS130
Silicon Controlled Rectifier
16 Amp Sensitive Gate SCR Chip
PRINCIPAL DEVICE TYPES
CS220-16M Series
CSDD-16M Series
Process
Glass Passivated Mesa
Die Size
130 x 130 MILS
Die Thickness
8.7 MILS
Cathode Bonding Pad Area
99 x 49 MILS
Gate Bonding Pad Area
42 x 42 MILS
Top Side Metalization
Al - 45,000Å
Back Side Metalization
Al/Mo/Ni/Ag - 32,000Å
PROCESS DETAILS
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel:
(631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
GEOMETRY
R0 (4- January 2006)
GROSS DIER PER 4 INCH WAFER
624


Similar Part No. - CPS130

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPS110 CENTRAL-CPS110 Datasheet
37Kb / 1P
Silicon Controlled Rectifier 12 Amp Sensitive Gate SCR Chip
logo
Endress+Hauser Group Se...
CPS11D EH-CPS11D Datasheet
982Kb / 16P
pH sensor for standard applications in process technology and environmental engineering
2020-03-23
CPS11E EH-CPS11E Datasheet
738Kb / 12P
pH sensor for standard applications in process technology and environmental engineering
CPS12 EH-CPS12 Datasheet
638Kb / 12P
Orbisint CPS12/CPS12D/CPS13
05.05
logo
Clarke International
CPS125 CLARKE-CPS125 Datasheet
4Mb / 24P
82MM ELECTRIC PLANER
DL0621 - ISS 1
More results

Similar Description - CPS130

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5411 NTE-NTE5411 Datasheet
21Kb / 3P
Silicon Controlled Rectifier (SCR) 4 Amp, Sensitive Gate
NTE5452 NTE-NTE5452 Datasheet
25Kb / 2P
Silicon Controlled Rectifier (SCR) 4 Amp Sensitive Gate
NTE5454 NTE-NTE5454 Datasheet
25Kb / 2P
Silicon Controlled Rectifier (SCR) 4 Amp Sensitive Gate
logo
Central Semiconductor C...
CPS041 CENTRAL-CPS041 Datasheet
138Kb / 2P
Silicon Controlled Rectifier Sensitive Gate SCR Chip
CPS053 CENTRAL-CPS053 Datasheet
38Kb / 1P
Silicon Controlled Rectifier Sensitive Gate SCR Chip
CPS057 CENTRAL-CPS057 Datasheet
138Kb / 2P
Silicon Controlled Rectifier Sensitive Gate SCR Chip
CPS090 CENTRAL-CPS090 Datasheet
38Kb / 1P
Silicon Controlled Rectifier 8.0 Amp Sensitive Gate SCR Chip
CPS110 CENTRAL-CPS110 Datasheet
37Kb / 1P
Silicon Controlled Rectifier 12 Amp Sensitive Gate SCR Chip
CPS150 CENTRAL-CPS150 Datasheet
37Kb / 1P
Silicon Controlled Rectifier 25 Amp Sensitive Gate SCR Chip
CPS165 CENTRAL-CPS165 Datasheet
37Kb / 1P
Silicon Controlled Rectifier 35 Amp Sensitive Gate SCR Chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com