Electronic Components Datasheet Search
  English  ▼

X  

1PS74SB43 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 1PS74SB43
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS74SB43 Datasheet(HTML) 4 Page - NXP Semiconductors

  1PS74SB43 Datasheet HTML 1Page - NXP Semiconductors 1PS74SB43 Datasheet HTML 2Page - NXP Semiconductors 1PS74SB43 Datasheet HTML 3Page - NXP Semiconductors 1PS74SB43 Datasheet HTML 4Page - NXP Semiconductors 1PS74SB43 Datasheet HTML 5Page - NXP Semiconductors 1PS74SB43 Datasheet HTML 6Page - NXP Semiconductors 1PS74SB43 Datasheet HTML 7Page - NXP Semiconductors 1PS74SB43 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Dec 10
4
Philips Semiconductors
Product specification
Schottky barrier diode
1PS74SB43
GRAPHICAL DATA
handbook, halfpage
0.6
VF (V)
IF
(mA)
0
0.2
(2) (3)
(4)
(1)
0.4
103
102
10
1
MGL923
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 100 °C.
(3) Tamb =75 °C.
(4) Tamb =25 °C.
handbook, halfpage
10 4
10 2
10 3
10
1
0
MLC389
30
20
10
40
(4)
(1)
(2)
(3)
V (V)
I R
(
µA)
R
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 100 °C.
(3) Tamb =75 °C.
(4) Tamb =25 °C.
handbook, halfpage
10 3
10 2
10
0
MLC390
16
24
32
840
V (V)
R
C d
(pF)
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com