Electronic Components Datasheet Search
  English  ▼

X  

CQ39MS Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CQ39MS
Description  TRIAC 4.0 AMP, 200 THRU 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CQ39MS Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CQ39MS Datasheet HTML 1Page - Central Semiconductor Corp CQ39MS Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CQ39BS
CQ39DS
CQ39MS
CQ39NS
TRIAC
4.0 AMP, 200 THRU 800 VOLTS
TO-39 CASE
Central
Semiconductor Corp.
TM
R1 (18-August 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CQ39BS
series type is a hermetically sealed silicon Triac
designed for full wave AC control applications
featuring gate triggering in all four (4) quadrants.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CQ39BS CQ39DS CQ39MS CQ39NS
UNITS
Peak Repetitive Off-State Voltage
VDRM
200
400
600
800
V
RMS On-State Current (TC=80°C)
IT(RMS)
4.0
A
Peak One Cycle Surge (t=10ms)
ITSM
35
A
I2t Value for Fusing (t=10ms)
I2t
2.0
A2s
Peak Gate Power (tp=10µs)
PGM
3.0
W
Average Gate Power Dissipation
PG(AV)
0.2
W
Peak Gate Current (tp=10µs)
IGM
1.2
A
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
160
°C/W
Thermal Resistance
ΘJC
9.0
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM
Rated VDRM, RGK=1KΩ
10
µA
IDRM
Rated VDRM, RGK=1KΩ, TC=125°C
200
µA
IGT
VD=12V, QUAD I, II, III
2.5
5.0
mA
IGT
VD=12V, QUAD IV
5.5
9.0
mA
IH
RGK=1KΩ
1.6
5.0
mA
VGT
VD=12V, QUAD I, II, III, IV
2.0
V
VTM
ITM=6.0A, tp=380µs
1.75
V
dv/dt
VD=2/3 VDRM, TC=125°C
11
V/µs


Similar Part No. - CQ39MS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ39MT CENTRAL-CQ39MT Datasheet
95Kb / 2P
4.0 AMP TRIAC
More results

Similar Description - CQ39MS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ202-4M CENTRAL-CQ202-4M Datasheet
74Kb / 2P
4.0 AMP TRIAC 600 THRU 800 VOLTS
CQ202-4M-2 CENTRAL-CQ202-4M-2 Datasheet
73Kb / 2P
4.0 AMP TRIAC 600 THRU 800 VOLTS
CQ202-4B CENTRAL-CQ202-4B Datasheet
36Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4B-2 CENTRAL-CQ202-4B-2 Datasheet
35Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS CENTRAL-CQ202-4BS Datasheet
36Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
35Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4B CENTRAL-CQ202-4B Datasheet
426Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4B-2 CENTRAL-CQ202-4B-2 Datasheet
414Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS CENTRAL-CQ202-4BS Datasheet
426Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
414Kb / 2P
4.0 AMP TRIAC 200 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com