Electronic Components Datasheet Search
  English  ▼

X  

EP1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # EP1
Description  Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EP1 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button EP1 Datasheet HTML 2Page - Vishay Siliconix EP1 Datasheet HTML 3Page - Vishay Siliconix EP1 Datasheet HTML 4Page - Vishay Siliconix EP1 Datasheet HTML 5Page - Vishay Siliconix EP1 Datasheet HTML 6Page - Vishay Siliconix EP1 Datasheet HTML 7Page - Vishay Siliconix EP1 Datasheet HTML 8Page - Vishay Siliconix EP1 Datasheet HTML 9Page - Vishay Siliconix EP1 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EP1
www.vishay.com
Vishay
Revision: 13-Sep-2022
9
Document Number: 42107
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For surface-mount solder attachment refer to application note 42110: www.vishay.com/doc?42110
ENVIRONMENTAL CHARACTERISTICS
ITEM
TEST AND CONDITIONS
COMMENTS
Hermeticity
MIL-STD-202, method 112 C/IIIa
The capacitor shall be hermetically sealed such that the case does not leak
electrolyte or vent any gas when exposed to a vacuum.
Moisture resistance
MIL-STD-202, method 106
6 V polarity
Altitude
MIL-STD-202, method 105 C,
test condition D
100 000 feet test
Fungus
MIL-PRF-39006
The capacitor materials shall not support fungus growth and shall not be a
nutrient to fungus.
MECHANICAL PERFORMANCE CHARACTERISTICS
ITEM
TEST AND CONDITIONS
COMMENTS
Thermal shock
MIL-STD-202, method 107 G
Test condition A
Shock
MIL-STD-202, method 213 B
test condition G
11 ms, 50 g
Vibration - high frequency
MIL-STD-202, method 204 D
test condition D
12 sweeps/axis, 20 g peak
Vibration - random
MIL-STD-202, method 214 A
test condition II, letter E
1.5 h/axis, 19.64 g
Resistance to solder heat
MIL-STD-202, method 210 F,
test conditions A and B
Solderability
MIL-STD-202, method 208
Terminal strength
MIL-STD-202, method 211 A
The capacitor terminals must withstand a 5 pound pull test for 5 s to 10 s.
The capacitor must not be visibly damaged and the electrical
characteristics must not be affected.
Part markings
MIL-STD-202, method 215 J
The capacitor shall be permanently and legibly marked on the
circumference of the case. The markings shall be resistant to solvents.
Weight (mass)
See Standard Ratings table
Seal
MIL-PRF-39006
MSL
J-STD-033
Not applicable
Packaging
MIL-PRF-39006
All units are shipped in individual bulk packages.
Stud mounting
Tighten nuts only ½ to ¾ turn beyond point of initial contact, equivalent to
24 to 28 maximum inch-ounces torque. Maximum pre-load tension
~ 15 pounds.
Lock washers are not recommended; use an adhesive lock nut
conforming to MIL-S-22473E, grade A - red



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com