Electronic Components Datasheet Search
  English  ▼

X  

DI101S Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # DI101S
Description  SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DI101S Datasheet(HTML) 1 Page - Pan Jit International Inc.

  DI101S Datasheet HTML 1Page - Pan Jit International Inc. DI101S Datasheet HTML 2Page - Pan Jit International Inc. DI101S Datasheet HTML 3Page - Pan Jit International Inc. DI101S Datasheet HTML 4Page - Pan Jit International Inc. DI101S Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
November 14,2014-REV.02
DI100S~DI1010S
• Plastic material used carries Underwriters
Laboratory recognition 94V-O
• Low leakage
• Surge overload rating--30 amperes peak
• Ideal for printed circuit board
• Exceeds environmental standards of MIL-S-19500/228
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: Reliable low cost construction utilizing molded plastic technique
results in inexpensive product
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: Polarity symbols molded or marking on body
• Weight: 0.01058 ounce, 0.3 gram
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
2. Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area
FEATURES
Recongnized File #E111753
VOLTAGE
50 to 1000 Volt
1 Ampere
CURRENT
PA R A M E T E R
S Y M B O L DI 1 00S DI 10 1S DI 102S DI 1 04S DI 1 06S DI 1 08S DI 1010 S UNI T S
M a xi mum R e c urre nt P e a k R e ve rs e Vo lt a g e
V
RRM
50
1 0 0
2 0 0
40 0
6 00
8 0 0
1000
V
M a xi mum R M S B r idge I nput Vo l t age
V
RM S
35
70
140
28 0
4 20
560
700
V
M a xi mum D C B l ocking Vo lt age
V
DC
50
1 0 0
2 0 0
40 0
6 00
8 0 0
1000
V
M a xi mum A ve r age F o r w a r d C ur r e nt T
A =4 0
O CI
F( AV )
1A
P eak F o r w ard Surge C ur r e nt : 8. 3ms si ng l e ha l f si ne -w ave
sup e r i mposed on r a t ed load
I
FS M
30
A
I 2t R a ti ng F o r F us ing (t<8 .3 5 m s )
I 2t3 . 7 3 5
A 2S
M a xi mum F o r w ard Vo lt age D r op per B r i d ge E l ement at 1A
V
F
1. 1
V
M a xi mum DC Re ve r s e Cur r e nt at Ra t e d DC Bl o c k i ng
Vo lt a g e
T
A=2 5
O C
T
A=1 2 5
O C
I
R
5
500
μA
Ty pi cal Junc t ion C apacit ance ( Not e 1)
C
J
25
p F
Ty pi cal Ther ma l R e si st ance P e r Leg ( No t e 2)
R
θJA
R
θJL
55
30
O C / W
O per at ing Juns t ion and S t or ag e Te m p er at ur e R a ng e
T
J ,T ST G
- 5 5 t o + 150
O C
0.335(8.51)
0.316(8.05)
0.045(1.14)
0.035(0.89)
0.098(2.5)
0.086(2.2)
0.009(0.25)


Similar Part No. - DI101S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DI101S FORMOSA-DI101S Datasheet
70Kb / 2P
Surface Mount Bridge Rectifier - Glass passivated type
logo
Pan Jit International I...
DI101S PANJIT-DI101S Datasheet
98Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Compact Technology Corp...
DI101S CTC-DI101S Datasheet
128Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Pan Jit International I...
DI101S PANJIT-DI101S Datasheet
93Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Compact Technology Corp...
DI101S CTC-DI101S Datasheet
225Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DI101S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91207R GOOD-ARK-E91207R Datasheet
372Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91209A GOOD-ARK-E91209A Datasheet
371Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91256AU GOOD-ARK-E91256AU Datasheet
376Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91307A GOOD-ARK-E91307A Datasheet
377Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com