Electronic Components Datasheet Search
  English  ▼

X  

DXK Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # DXK
Description  Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DXK Datasheet(HTML) 1 Page - Pan Jit International Inc.

  DXK Datasheet HTML 1Page - Pan Jit International Inc. DXK Datasheet HTML 2Page - Pan Jit International Inc. DXK Datasheet HTML 3Page - Pan Jit International Inc. DXK Datasheet HTML 4Page - Pan Jit International Inc. DXK Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DXK210
June 21,2022
DXK210-REV.01
Page 1
Glass Passivated Bridge Rectifier
DXK
Voltage
1000 V
Current
2A
Features
 Ideal for printed circuit boards
 UL recognition file number E526209
 Lead free in compliance with EU RoHS 2.0
 Halogen-free according to IEC 61249 standard
Mechanical Data
 Case : DXK Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 1.29 grams
Application
 USB PD & NB Adapter(<65W)
 Monitor power adapter (<100W)
 Consumer Power (<150W)
 Quick Charger (>45W)
Key Parameters
Parameter
Value
VRRM
1000V
IF(AV)
2A
IFSM
75A
IR
5uA
Package
DXK


Similar Part No. - DXK

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DXK PANJIT-DXK Datasheet
217Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
SYNERGY MICROWAVE CORPO...
DXK-702B SYNERGY-DXK-702B Datasheet
29Kb / 1P
POWER DIVIDERS 0쨘 : 10-WAY
DXK-772B SYNERGY-DXK-772B Datasheet
29Kb / 1P
POWER DIVIDERS 0쨘 : 10-WAY
logo
Pan Jit International I...
DXK310 PANJIT-DXK310 Datasheet
217Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
DXK310_T0_00001 PANJIT-DXK310_T0_00001 Datasheet
217Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
More results

Similar Description - DXK

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU4A CHONGQING-GBU4A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A CHONGQING-GBU6A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diotech Company.
GBJ4005 DIOTECH-GBJ4005 Datasheet
953Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com