Electronic Components Datasheet Search
  English  ▼

X  

396-SERIES Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 396-SERIES
Description  396 Series Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

396-SERIES Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  396-SERIES Datasheet HTML 1Page - EDAC, All Rights Reserved. 396-SERIES Datasheet HTML 2Page - EDAC, All Rights Reserved. 396-SERIES Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.edac.net
customerservice@edac.net
Card Edge Connectors 0.125” (3.175mm) Pitch
346/396 SERIES
NUMBER OF CONTACTS
"A"
"B"
"C"
"D"
"E"
Single
Double
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
5
10
1.435
36.45
1.170
29.72
0.910
23.11
1.435
36.45
0.500
12.70
6
12
1.560
39.62
1.295
32.89
1.035
26.29
1.560
39.62
0.625
15.88
10
20
2.060
52.32
1.795
45.59
1.535
38.99
2.060
52.32
1.125
28.58
15
30
2.685
68.20
2.420
61.47
2.160
54.86
2.685
68.20
1.750
44.45
18
36
3.060
77.72
2.795
70.99
2.535
64.39
3.060
77.72
2.125
53.98
22
44
3.560
90.42
3.295
83.69
3.035
77.09
3.560
90.42
2.625
66.68
25
50
3.935
99.95
3.670
93.22
3.410
86.61
3.935
99.95
3.000
76.20
30
60
4.560
115.82
4.295
109.09
4.035
102.49
4.560
115.82
3.625
92.08
31
62
4.685
119.00
4.420
112.27
4.160
105.66
4.685
119.00
3.750
95.25
35
70
5.185
131.70
4.920
124.97
4.660
118.36
5.185
131.70
4.250
107.95
36
72
5.310
134.87
5.045
128.14
4.785
121.54
5.310
134.87
4.375
111.13
40
80
5.810
147.57
5.545
140.84
5.285
134.24
5.810
147.57
4.875
123.83
43
86
6.185
157.10
5.920
150.37
5.660
143.76
6.185
157.10
5.250
133.35
50
100
7.060
179.32
6.795
172.59
6.535
165.99
7.060
179.32
6.125
155.58
OFFSET LUGS
.170
.125 (3.18)
(5.21)
.205
.250 (6.35)
POLARIZING KEY
-.015 (0.38)
CUT OUT FOR
BETWEEN CONTACT
POLARIZING KEY
.055 (1.40)
+.000
P/N 306-240-318
POINT OF
CARD SLOT
.160 (4.06)
.330 (8.38)
BETWEEN CONTACT
CONTACT
PANEL MOUNT CUT OUT
13
14
.115 (2.92)
2
4
1
3
6
8
5
7
10 12
11
9
21
22
17
18
16
15
20
19
25
26
24
23
28
27
CUT OUT FOR
IN-CONTACT
POLARIZING KEY
.080 (2.03)
.350 (8.89)
CONNECTOR
EVEN NUMBERED
SIDE OF
(4.32)
LUGS
MOUNTING
FLUSH
CARD SLOT ACCEPTS .054 (1.37)
TO .070 (1.78) THICK P.C. BOARD
.600 (15.24)
.250 (6.35)
.370 (9.40)
AUTOMATIC WIRE
WRAP POSITIONING
SLOT AND HOLE
.030 (0.76) X .080 (2.03)
WIRE HOLE
CONTACT POSITION
SECTIONS THROUGH
P/N 345-240-328
MINUS .012 (0.30)
SINGLE ROW
DUAL ROW
IN-CONTACT
POLARIZING KEY
CUT OUT
.042 (1.07) +.004 (0.10)/-.000
FOR P.C. TAILS
.008 (0.20) DIA
PANEL MOUNT
.400 (10.16)
.250 (6.35)
.250 (6.35)
DIA REF.
.136 (3.45)
29
30
.125 (3.18)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com