Electronic Components Datasheet Search
  English  ▼

X  

560-SERIES Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 560-SERIES
Description  560 Series IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch | Double Latch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

560-SERIES Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  560-SERIES Datasheet HTML 1Page - EDAC, All Rights Reserved. 560-SERIES Datasheet HTML 2Page - EDAC, All Rights Reserved. 560-SERIES Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Male Housing:
Female Housing:
PCB Header
560 SERIES
WIRE TO WIRE / WIRE TO BOARD 2.5MM PITCH
www.edac.net
customerservice@edac.net
560-002-000-XXX
560-003-000-XXX
560-003-000-XXX
560-005-000-XXX
560-005-000-XXX
560-002-000-XXX
560-002-420-XXX
560-003-420-XXX
560-005-420-XXX
Male Housing:
Female Housing:
PCB Header:
Ø Wire Insulation:
Housing Color:
XXX:
Ø1.00 to Ø1.30
White
110
Blue
310
Ø1.30 to Ø1.70
White
111
Blue
311
Ø Wire Insulation:
Housing Color:
XXX:
Ø1.00 to Ø1.30
White
210
Blue
410
Ø1.30 to Ø1.70
White
211
Blue
411
Housing Color:
XXX:
White
101
Blue
301
Waterproofing Cap
NOTE: Waterproofing Cap is installed at the wire seal end to
cover the unused holes.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com