Electronic Components Datasheet Search
  English  ▼

X  

623-SERIES Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 623-SERIES
Description  623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

623-SERIES Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  623-SERIES Datasheet HTML 1Page - EDAC, All Rights Reserved. 623-SERIES Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.edac.net
customerservice@edac.net
Specifications:
Ordering Code:
Insulator Material
Thermoplastic Polyester, UL 94V-0, Chemical Resistant, Color: Black
Contact Material
Plug (Pins): Copper Alloy
Receptacle (Socket): Copper Alloy
Contact Plating
Selective Gold (See Ordering Code) over Nickel for the Mating Area, Tin Plating for Tail Area
Shell Material
Nickel Plated Steel
Current Rating
3 amps
Contact Resistance
25 Milliohms maximum
Insulation Resistance
5000 megaohms minimum
Dielectric Withstanding Voltage
1000 V AC rms at Sea Level
Operating Temperature
-55°C To +85°C (upto +125°C for high temp)
Insertion Force
16 oz (4.45 N) Maximum Per Contact Position
Withdrawal Force
1 oz (0.28 N) Minimum Per Contact Position
•
Two contact rows with 0.197”(5.00mm) footprint, right angle bend
•
0.109”(2.77mm) contact spacing X 0.112”(2.84mm) row spacing
•
Plug and receptacle in 9, 15, or 25 contact sizes
•
Pin and socket contact mating design with P.C. tail termination
•
Metal shell provides EMI/RFI shielding, plug shell indents provide grounding and additional mating
retention
•
Board mounting features include two prong boardlock for exceptional retention to P.C. board
•
Flange mounting options for panel mount or connector mating include through hole, threaded hole
and threaded standoffs
•
D-shaped connector mating outline provides polarization
•
Design based on requirements of MIL-C-24038, EIA RS-232 and RS-449
623/624 SERIES
D-Sub Connectors: Right Angle, 0.197” (5.00mm) Footprint
SERIES:
623: PLUG (PIN)
624: RECEPTACLE (SOCKET)
623-025-261-033
NO. OF CONTACTS:
009 - 9 CONTACTS
015 - 15 CONTACTS
025 - 25 CONTACTS
CONTACT FINISH CODE:
2 - GOLD FLASH PLATING
3 - 15 MICROINCHES OF GOLD PLATING
6 - 30 MICROINCHES OF GOLD PLATING
CONTACT CODE:
61 - .197" FOOTPRINT CONTACT
BOARD MOUNTING FEATURE:
3 - TWO PRONG BOARDLOCKS
INSULATOR MATERIAL CODE:
0 - STANDARD
5 - HIGH TEMP INSULATOR
FLANGE MOUNTING OPTIONS:
1 - DIA .120"(DIA 3.05MM) THROUGH HOLE
2 - #4-40 THREADED HOLE
3 - #4-40 THREADED STANDOFF
5 - M3 THREADED HOLE


Similar Part No. - 623-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
623-009-261-031 EDAC-623-009-261-031 Datasheet
86Kb / 1P
623 Series,D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
logo
List of Unclassifed Man...
623-009-261-032 ETC2-623-009-261-032 Datasheet
673Kb / 3P
Two contact rows with .200 (5.08mm) footprint right-angle bend.
logo
EDAC, All Rights Reserv...
623-009-261-032 EDAC-623-009-261-032 Datasheet
87Kb / 1P
623 Series,D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
logo
List of Unclassifed Man...
623-009-261-033 ETC2-623-009-261-033 Datasheet
673Kb / 3P
Two contact rows with .200 (5.08mm) footprint right-angle bend.
logo
EDAC, All Rights Reserv...
623-009-261-033 EDAC-623-009-261-033 Datasheet
87Kb / 1P
623 Series,D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
More results

Similar Description - 623-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
624-025-261-033 ETC2-624-025-261-033 Datasheet
673Kb / 3P
Two contact rows with .200 (5.08mm) footprint right-angle bend.
626-037-562-043 ETC2-626-037-562-043 Datasheet
731Kb / 3P
Two contact rows with. 590 (14.99mm) footprint right-angle bend.
logo
EDAC, All Rights Reserv...
621-SERIES EDAC-621-SERIES Datasheet
363Kb / 2P
621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
622-SERIES EDAC-622-SERIES Datasheet
363Kb / 2P
622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
624-SERIES EDAC-624-SERIES Datasheet
373Kb / 2P
624 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Receptacle
625-SERIES EDAC-625-SERIES Datasheet
357Kb / 2P
625 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Plug
626-SERIES EDAC-626-SERIES Datasheet
357Kb / 2P
626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
629-SERIES EDAC-629-SERIES Datasheet
353Kb / 2P
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629M-SERIES EDAC-629M-SERIES Datasheet
328Kb / 3P
629M Series D-Sub Connectors | Machined Pins | Two Contact Rows with .370"(9.40mm) Footprint Right Angle Bend | Plug
630-SERIES EDAC-630-SERIES Datasheet
353Kb / 2P
630 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com