Electronic Components Datasheet Search
  English  ▼

X  

ISL68221IRAZ Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # ISL68221IRAZ
Description  Digital Triple Output, 3-Phase PWM Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68221IRAZ Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button ISL68221IRAZ Datasheet HTML 90Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 91Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 92Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 93Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 94Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 95Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 96Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 97Page - Renesas Technology Corp ISL68221IRAZ Datasheet HTML 98Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
ISL68221
12. Package Outline Drawing
FN9331 Rev.1.00
Page 97 of 97
Oct.1.20
12. Package Outline Drawing
L40.5x5D
40 Lead Quad Flat No-Lead Plastic Package
Rev 0, 9/10
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.27mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
JEDEC reference drawing: MO-220WHHE-1
7.
(4X)
0.15
INDEX AREA
PIN 1
PIN #1 INDEX AREA
C
SEATING PLANE
BASE PLANE
0.08
SEE DETAIL "X"
C
C
5
6
5.00
A B
0.40
4X 3.60
36X 0.40
0.20
0.750
0.050
B
0.10 MA
C
PACKAGE OUTLINE
(40X 0.60)
0.00 MIN
0.2 REF
0.05 MAX
C
0.10
//
(40X 0.20)
(36X 0.40)
b
40X 0.4± 0.1
6
4
OUTLINE
For the most recent package outline drawing, see L40.5x5D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com