Electronic Components Datasheet Search
  English  ▼

X  

ISL68224IRAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL68224IRAZ
Description  Digital Triple Output, 6-Phase PWM Controller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68224IRAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL68224IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68224IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
FN9297 Rev.1.00
Page 1 of 96
Oct.1.20
ISL68224
Digital Triple Output, 6-Phase PWM Controller
Datasheet
The ISL68224 is a digital triple output multiphase
(X+Y+Z ≤ 6) PWM controller with PMBus V1.3
compatibility. The controller can be configured to
support any phase assignment up to a maximum of
six phases across the three outputs (X, Y, and Z). For
example, 4+1+1, 3+2+1, 5+1+0, 2+2+2, or even a
single output operation as a 6+0 configuration is
supported. When combined with the Renesas family
of Smart Power Stages and DrMOS devices, designs
of exceptional density and performance can be
created.
The ISL68224 uses the proprietary Renesas digital
synthetic current modulation scheme to achieve the
industry-best combination of transient response, ease
of tuning, and efficiency across the full load range.
Diode emulation and automatic phase add/drop
features allow you to extract maximum efficiency from
the converter regardless of load conditions. You can
use the intuitive Renesas PowerNavigator™ to
configure and monitor the device.
With minimal external components, easy
configuration, robust fault management, and highly
accurate regulation capability, implementing a
high-performance, multiphase regulator has never
been easier.
Applications
• DDR memory solutions
• Artificial intelligence/accelerator cards (FPGA,
ASIC)
• Network equipment
• Server/storage equipment
• Telecom/datacom equipment
• Point-of-Load (POL) power supply (memory, DSP,
ASIC, FPGA)
Related Literature
For a full list of related documents, visit our website:
• ISL68224 device page
Features
• Advanced linear digital modulation scheme
○ Auto phase add/drop with PFM mode for
excellent load vs efficiency profile
○ Dual edge modulation with optional diode braking
for faster transient response
○ Excellent VOUT transition performance
○ Zero latency synthetic current control for excellent
high frequency current balance
• Flexible phase assignment from 0 to 6 phases per
output
• Up to 2MHz switching frequency operation for high
density designs
• Differential remote voltage sensing supports ±0.5%
closed-loop system accuracy over load, line, and
temperature
• Highly accurate current sensing for excellent
load-line regulation and accurate OCP
○ Supports the full range of the Renesas Smart
Power Stage (SPS) devices
• Comprehensive fault management enables high
reliability systems
○ Pulse-by-pulse (per phase) and total output
current limiting
○ Black Box status recording capability with first
fault indicator
• Intuitive configuration using PowerNavigator
• SMBus/PMBus V1.3 compatible
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)


Similar Part No. - ISL68224IRAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68224 RENESAS-ISL68224 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68224 RENESAS-ISL68224 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68224 RENESAS-ISL68224 Datasheet
1Mb / 103P
Digital Dual Output, 5-Phase Controller
Oct.1.20
ISL68224 RENESAS-ISL68224 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
ISL68224 RENESAS-ISL68224 Datasheet
1Mb / 96P
Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
More results

Similar Description - ISL68224IRAZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
logo
Renesas Technology Corp
ISL69147 RENESAS-ISL69147 Datasheet
177Kb / 2P
Digital Dual Output 7-Phase AMD PWM Controller
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68221 RENESAS-ISL68221 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68225 RENESAS-ISL68225 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
ISL68226 RENESAS-ISL68226 Datasheet
1Mb / 96P
Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
ISL68227 RENESAS-ISL68227 Datasheet
1Mb / 100P
Digital Single Output,12-Phase PWM Controller
Oct.1.20
ISL68229 RENESAS-ISL68229 Datasheet
1Mb / 107P
Digital Triple Output, 12-Phase PWM Controller
Jul 21, 2022
ISL69127 RENESAS-ISL69127 Datasheet
177Kb / 2P
Digital Dual Output 61-Phase VR13 PWM Controller
Jan 12, 2018
ISL69144 RENESAS-ISL69144 Datasheet
179Kb / 2P
Digital Dual Output 4-Phase AMD PWM Controller
Jan 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com