Electronic Components Datasheet Search
  English  ▼

X  

ISL68239 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL68239
Description  Digital Triple Output, 6-Phase PWM Controller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68239 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL68239 Datasheet HTML 17Page - Renesas Technology Corp ISL68239 Datasheet HTML 18Page - Renesas Technology Corp ISL68239 Datasheet HTML 19Page - Renesas Technology Corp ISL68239 Datasheet HTML 20Page - Renesas Technology Corp ISL68239 Datasheet HTML 21Page - Renesas Technology Corp ISL68239 Datasheet HTML 22Page - Renesas Technology Corp ISL68239 Datasheet HTML 23Page - Renesas Technology Corp ISL68239 Datasheet HTML 24Page - Renesas Technology Corp ISL68239 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
ISL68224
4. Operating the Device
FN9297 Rev.1.00
Page 21 of 96
Oct.1.20
4.9.4
Resistive Sensing
For more accurate current sensing, a dedicated current-sense resistor, RSENSE, in series with each output
inductor, can serve as the current-sense element. However, this technique reduces the overall converter
efficiency due to the additional power loss on the current-sense element, RSENSE.
A current-sensing resistor has a distributed parasitic inductance known as Equivalent Series Inductance (ESL),
which is typically less than 4nH. Consider the ESL as a separate lumped quantity, as shown in Figure 10. The
phase current, IL, flowing through the inductor, also passes through the ESL. Similar to DCR sensing described in
Inductor DCR Sensing, a simple R-C network across the current-sense resistor extracts the RSENSE voltage.
Match the ESL/RSENSE time constant to the R-C time constant.
Figure 11 shows the sensed waveforms with and without matching RC when using resistive sense. PCB layout for
resistive sense should follow the guidance described for DCR sense.
Figure 10. Sense Resistor in Series with Inductor
Figure 11. Voltage Across R with and without RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com