Electronic Components Datasheet Search
  English  ▼

X  

CXT853 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CXT853
Description  SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXT853 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CXT853 Datasheet HTML 1Page - Central Semiconductor Corp CXT853 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINAR
Y
Central
Semiconductor Corp.
TM
SOT-89 CASE - MECHANICAL OUTLINE
CXT853
SURFACE MOUNT
HIGH CURRENT
SILICON NPN TRANSISTOR
R0 (1-February 2006)
LEAD CODE:
1) EMITTER
2) COLLECTOR
3) BASE
MARKING CODE:
CXT853
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
hFE
VCE=2.0V, IC=10mA
100
hFE
VCE=2.0V, IC=2.0A
100
200
300
hFE
VCE=2.0V, IC=4.0A
50
100
hFE
VCE=2.0V, IC=10A
20
30
fT
VCE=10V, IC=100mA, f=50MHz
190
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
38
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com