Electronic Components Datasheet Search
  English  ▼

X  

CXT3090L Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # CXT3090L
Description  SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

CXT3090L Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  CXT3090L Datasheet HTML 1Page - Advanced Analogic Technologies CXT3090L Datasheet HTML 2Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
MAX
MIN
MAX
A
0.055 0.067
1.40
1.70
B
C
0.014 0.018
0.35
0.46
D
0.173 0.185
4.40
4.70
E
0.064 0.074
1.62
1.87
F
0.146 0.177
3.70
4.50
G
0.090 0.106
2.29
2.70
H
0.028 0.051
0.70
1.30
J
0.014 0.019
0.36
0.48
K
0.017 0.023
0.44
0.58
L
M
SOT-89 (REV: R4)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
4°
4°
0.059
0.118
1.50
3.00
Central
Semiconductor Corp.
TM
SOT-89 CASE - MECHANICAL OUTLINE
CXT3090L
SURFACE MOUNT
LOW VCE(SAT)
NPN POWER TRANSISTOR
R2 (20-May 2004)
LEAD CODE:
1) EMITTER
2) COLLECTOR
3) BASE
MARKING CODE:
FULL PART NUMBER
BOTTOM VIEW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com