Electronic Components Datasheet Search
  English  ▼

X  

DGD2304 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DGD2304
Description  HALF-BRIDGE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2304 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DGD2304 Datasheet HTML 2Page - Diodes Incorporated DGD2304 Datasheet HTML 3Page - Diodes Incorporated DGD2304 Datasheet HTML 4Page - Diodes Incorporated DGD2304 Datasheet HTML 5Page - Diodes Incorporated DGD2304 Datasheet HTML 6Page - Diodes Incorporated DGD2304 Datasheet HTML 7Page - Diodes Incorporated DGD2304 Datasheet HTML 8Page - Diodes Incorporated DGD2304 Datasheet HTML 9Page - Diodes Incorporated DGD2304 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DGD2304
Document number: DS38409 Rev. 6 - 2
6 of 11
www.diodes.com
December 2020
© Diodes Incorporated
DGD2304
Typical Performance Characteristics (VCC = 15V, @TA = +25°C, unless otherwise specified.)
tON High Side
tON Low Side
tON High Side
tON Low Side
tOFF High Side
tOFF Low Side
tOFF High Side
tOFF Low Side
tr High Side
tr Low Side
tr High Side
tr Low Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com