Electronic Components Datasheet Search
  English  ▼

X  

FXPS7550DI4 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # FXPS7550DI4
Description  Digital absolute pressure sensor, 20 kPa to 550 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7550DI4 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button FXPS7550DI4 Datasheet HTML 32Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 33Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 34Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 35Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 36Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 37Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 38Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 39Page - NXP Semiconductors FXPS7550DI4 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
NXP Semiconductors
FXPS7550D4
Digital absolute pressure sensor, 20 kPa to 550 kPa
Register write to DEVLOCK_WR
RESET[0]
RESET[1]
Effect
Register write 1
0
0
No effect
Register write 2
1
1
No effect
Register write 3
0
1
Device RESET
Table 48. Device reset command sequence
The response to a register write returns the new register value, including the values
written to the RESET[1:0] bits. After the third register write command, the device initiates
a reset and therefore does not transmit a response to this command or an acknowledge
in I2C mode. The response to a register read returns '00' for RESET[1:0] and terminates
the reset sequence. The reset control bits are not included in the read/write array error
detection.
7.7.5 WRITE_OTP_EN – write OTP enable register (address 11h)
The write OTP enable register is a user programmed read/write register that allows the
user to write the contents of the user programmed OTP array mirror registers to the OTP
registers. This register is included in the user read/write array error detection.
This register is readable and writable in SPI and I2C modes.
Bit
7
6
5
4
3
2
1
0
Name
UOTP_WR_INIT
Reserved
Reserved
Reserved
EX_COMMTYPE
EX_PADDR
UOTP_REGION[1:0]
Access
R/W
R/W
R/W
v
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Table 49. WRITE_OTP_EN – write OTP enable register – (address 11h) bit allocation
Register writes executed by the user to the user programmed OTP array only update
the mirror register contents for the OTP array, not the actual OTP registers. To copy the
values to the actual OTP registers, a write must be executed to the WRITE_OTP_EN
register with the UOTP_WR_INIT bit set. The state of the UOTP_REGION[1:0], the
EX_COMMTYPE, and the EX_PADDR bits in the command determine which region of
OTP is written to as shown in Table 50.
EX_COMMTYPE EX_PADDR
UOTP_REGION[1] UOTP_REGION[0] OTP write operation
Special conditions
x
x
0
0
Write the current contents of the UF0 registers to OTP
—
x
x
0
1
Write the current contents of the UF1 registers to OTP
—
0
0
1
0
Reserved for future use.
—
0
1
1
0
Reserved for future use.
—
1
0
1
0
Reserved for future use.
—
1
1
1
0
Write the current contents of the UF2 registers to OTP.
Excluding LPF. LPF defaults to 1000
Hz at POR.
x
x
1
1
Reserved for future use
—
Table 50. Writes for OTP registers
The UF0 and UF1 user OTP regions as well as the NXP programmed F OTP regions
share common mirror registers. For this reason, writes to the OTP for each region must
be completed independently according to the procedure below.
Once a region is written using the OTP Write sequence, the LOCK_Uxxx bit in the
appropriate CRC_xxx register is automatically set, locking the array from future writes.
Once a region is locked, an error detection is activated to detect changes to the register
values. Register values in the UF2 region can be overwritten using register write
commands, but no new values can be written to the OTP.
FXPS7550D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 7 — 6 June 2022
36 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com