Electronic Components Datasheet Search
  English  ▼

X  

LL101A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LL101A
Description  Small Signal Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL101A Datasheet(HTML) 1 Page - Vishay Siliconix

  LL101A Datasheet HTML 1Page - Vishay Siliconix LL101A Datasheet HTML 2Page - Vishay Siliconix LL101A Datasheet HTML 3Page - Vishay Siliconix LL101A Datasheet HTML 4Page - Vishay Siliconix LL101A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LL101A / 101B / 101C
Document Number 85626
Rev. 1.2, 03-Mar-06
Vishay Semiconductors
www.vishay.com
1
94 9371
Small Signal Schottky Diodes
Features
• For general purpose applications
• The LL101 series is a metal-on-silicon
Schottky barrier device which is protected
by a PN junction guard ring.
• The low forward voltage drop and fast
switching make it ideal for protection of MOS
devices, steering, biasing and coupling diodes for
fast switching and low logic level applications.
• Integrated protection ring against static discharge
• Low capacitance
• Low leakage current
• This diode is also available in the DO35 case with
type designation SD101A, B, C and in the
SOD123 case with type designation SD101AW,
SD101BW, SD101CW.
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• HF-Detector
• Protection circuit
• Diode for low currents wits a low supply voltage
• Small battery charger
• Power supplies
• DC / DC converter for notebooks
Mechanical Data
Case: MiniMELF Glass case (SOD80)
Weight: approx. 31 mg
Cathode Band Color:Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Part
Type differentiation
Ordering code
Remarks
LL101A
VR = 60 V, VF at IF 1 mA max. 410 mV
LL101A-GS18 or LL101A-GS08
Tape and Reel
LL101B
VR = 50 V, VF at IF 1 mA max. 400 mV
LL101B-GS18 or LL101B-GS08
Tape and Reel
LL101C
VR = 40 V, VF at IF 1 mA max. 390 mV
LL101C-GS18 or LL101C-GS08
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Peak inverse voltage
LL101A
VRRM
60
V
LL101B
VRRM
50
V
LL101C
VRRM
40
V
Power dissipation
(infinite heatsink)
Ptot
4001)
mW
Forward continuous current
IF
30
mA
Maximum single cycle surge
10 µs square wave
IFSM
2A
e2


Similar Part No. - LL101A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL101A SEMTECH-LL101A Datasheet
170Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications
logo
General Semiconductor
LL101A GE-LL101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
EIC discrete Semiconduc...
LL101A EIC-LL101A Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
52Kb / 1P
Surface Mount Si-Schottky Diodes
More results

Similar Description - LL101A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
Small Signal Schottky Barrier Diodes
25-Jun-01
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
Small-Signal Schottky Barrier Diodes
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
Small-Signal Schottky Barrier Diodes
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
Small Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81_15 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com