Electronic Components Datasheet Search
  English  ▼

X  

CPC1004N Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1004N
Description  4 Pin SOP OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1004N Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1004N Datasheet HTML 1Page - Clare, Inc. CPC1004N Datasheet HTML 2Page - Clare, Inc. CPC1004N Datasheet HTML 3Page - Clare, Inc. CPC1004N Datasheet HTML 4Page - Clare, Inc. CPC1004N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CPC1004N
4 Pin SOP OptoMOS® Relay
www.clare.com
DS-CPC1004N-R02.0
1
e3
RoHS
2002/95/EC
Part #
Description
CPC1004N
4 Pin SOP (100/tube)
CPC1004NTR
4 Pin SOP (2000/reel)
CPC1004N
Units
Blocking Voltage (DC)
100
V
Load Current (DC)
300
mA
Max On-resistance
4
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
•
Instrumentation
•
Multiplexers
•
Data Acquisition
•
Electronic Switching
•
I/O Subsystems
•
Meters (Watt-Hour, Water, Gas)
•
Medical Equipment—Patient/Equipment Isolation
•
Security Systems
•
Aerospace
•
Industrial Controls
•
Reed Relay Replacement
•
Small 4 Pin SOP Package
•
Low Drive Power Requirements (TTL/CMOS
Compatible)
•
No Moving Parts
•
High Reliability
•
Arc-Free With No Snubbing Circuits
•
1500V
rms Input/Output Isolation
•
No EMI/RFI Generation
•
Machine Insertable, Wave Solderable
•
Tape & Reel Version Available
CPC1004N is a miniature low voltage, low on resis-
tance 1-Form-A DC solid state relay in a 4 pin SOP
package. The relay uses optically coupled MOSFET
technology to provide 1500V
rms of input to output iso-
lation. The efficient MOSFET switch and photovoltaic
die use Clare’s patented OptoMOS® architecture.
The optically-coupled input is controlled by a highly
efficient GaAIAs infrared LED. The CPC1004N uses
Clare’s state of the art double molded vertical con-
struction packaging to produce the world’s smallest
relay. The CPC1004N is ideal for replacing larger
less reliable reed and electromechanical relays.
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
•
UL Recognized Component
File #: E76270
•
Certified to: EN60950
CPC1004N Pinout


Similar Part No. - CPC1004N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1004N CLARE-CPC1004N Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1004N IXYS-CPC1004N Datasheet
172Kb / 6P
100V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1004NTR CLARE-CPC1004NTR Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1004NTR IXYS-CPC1004NTR Datasheet
172Kb / 6P
100V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1004N CLARE-CPC1004N_1 Datasheet
112Kb / 5P
4 Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1004N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM5 CLARE-CM5 Datasheet
195Kb / 4P
4 Pin SOP OptoMOS Relay
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com