Electronic Components Datasheet Search
  English  ▼

X  

DGD05463 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DGD05463
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD05463 Datasheet(HTML) 5 Page - Diodes Incorporated

  DGD05463 Datasheet HTML 1Page - Diodes Incorporated DGD05463 Datasheet HTML 2Page - Diodes Incorporated DGD05463 Datasheet HTML 3Page - Diodes Incorporated DGD05463 Datasheet HTML 4Page - Diodes Incorporated DGD05463 Datasheet HTML 5Page - Diodes Incorporated DGD05463 Datasheet HTML 6Page - Diodes Incorporated DGD05463 Datasheet HTML 7Page - Diodes Incorporated DGD05463 Datasheet HTML 8Page - Diodes Incorporated DGD05463 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DGD05463
Document number: DS40512 Rev. 6 - 2
5 of 14
www.diodes.com
July 2021
© Diodes Incorporated
DGD05463
DC Electrical Characteristics (VCC = VBS = 12V, COM = VS= 0V, @ TA = +25°C, unless otherwise specified.) (Note 10)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Logic “1” Input Voltage
VIH
2.4
—
—
V
—
Logic “0” Input Voltage
VIL
—
—
0.8
V
—
Enable Logic “1” Input Voltage
VENIH
1.5
—
—
V
—
Enable Logic “0” Input Voltage
VENIL
—
—
0.7
V
—
Input Voltage Hysteresis
VINHYS
—
0.6
—
V
—
High Level Output Voltage, VBIAS - VO
VOH
—
0.45
0.6
V
IO+ = 100mA
Low Level Output Voltage, VO
VOL
—
0.15
0.22
V
IO- = 100mA
Offset Supply Leakage Current
ILK
—
10
50
µA
VB = VS = 60V
VCC Shutdown Supply Current
ICCSD
—
0
1
µA
VIN = 0V or 5V, VEN = 0V
VCC Quiescent Supply Current
ICCQ
—
0.28
0.5
mA
VIN = 0V or 5V,
RDT = 100kΩ
VCC Operating Supply Current
ICCOP
—
7.6
—
mA
fs = 500kHz, CL = 1000pF
VBS Quiescent Supply Current
IBSQ
—
32
100
µA
VIN = 0V or 5V
VBS Operating Supply Current
IBSOP
—
7.6
—
mA
fs = 500kHz, CL = 1000pF
Logic “1” Input Bias Current
IIN+
—
25
60
µA
VIN = 5V
Logic “0” Input Bias Current
IIN-
—
0
1
µA
VIN = 0V
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
3.3
3.8
4.2
V
—
VBS Supply Undervoltage Negative Going Threshold
VBSUV-
2.9
3.3
3.9
V
—
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
3.3
3.8
4.2
V
—
VCC Supply Undervoltage Negative Going Threshold
VCCUV-
2.9
3.3
3.9
V
—
Output High Short-Circuit Pulsed Current
IO+
1.0
1.5
—
A
VO = 0V, PW ≤ 10µs
Output Low Short-Circuit Pulsed Current
IO-
1.9
2.5
—
A
VO = 15V, PW ≤ 10µs
Forward Voltage of Bootstrap Diode
VF1
—
0.67
—
V
IF = 100µA
Forward Voltage of Bootstrap Diode
VF2
—
1.7
—
V
IF = 100mA
Note:
10. The VIN and IIN parameters are applicable to the two logic pins: IN and EN. The VO and IO parameters are applicable to the respective output pins:
HO and LO.
AC Electrical Characteristics (VCC = VBS = 12V, COM = VS= 0V, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Turn-on Propagation Delay, HO & LO
tON
65
96
125
ns
RDT = 10kΩ
350
463
580
ns
RDT = 100kΩ
Turn-off Propagation Delay, HO & LO
tOFF
—
22
56
ns
—
Turn-on Rise Time
tr
—
17
35
ns
—
Turn-off Fall Time
tf
—
12
25
ns
—
Delay Matching
tDM
—
—
50
ns
—
Deadtime: tDT LO-HO & tDT HO-LO
tDT
40
70
100
ns
RDT = 10kΩ
300
430
560
ns
RDT = 100kΩ
Deadtime Matching
tMDT
—
—
50
ns
RDT = 100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com