Electronic Components Datasheet Search
  English  ▼

X  

DGD21844M Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD21844M
Description  HALF-BRIDGE GATE DRIVER IN SO-14
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD21844M Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD21844M Datasheet HTML 1Page - Diodes Incorporated DGD21844M Datasheet HTML 2Page - Diodes Incorporated DGD21844M Datasheet HTML 3Page - Diodes Incorporated DGD21844M Datasheet HTML 4Page - Diodes Incorporated DGD21844M Datasheet HTML 5Page - Diodes Incorporated DGD21844M Datasheet HTML 6Page - Diodes Incorporated DGD21844M Datasheet HTML 7Page - Diodes Incorporated DGD21844M Datasheet HTML 8Page - Diodes Incorporated DGD21844M Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DGD21844M
Document number: DS41250 Rev. 3 - 2
4 of 12
www.diodes.com
February 2022
© Diodes Incorporated
DGD21844M
DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, VSS = COM, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage for HO & Logic “0” for LO
VIH
2.5
—
—
V
VCC = 10V to 20V
Logic “0” Input Voltage for HO & Logic “1” for LO
VIL
—
—
0.8
V
VCC = 10V to 20V
SD* Input Positive Going Threshold
VSDTH+
2.5
—
—
V
VCC = 10V to 20V
SD* Input Negative Going Threshold
VSDTH-
—
—
0.8
V
VCC = 10V to 20V
High Level Output Voltage, VBIAS - VO
VOH
—
—
1.4
V
IO = 0mA
Low Level Output Voltage, VO
VOL
—
—
0.2
V
IO = 20mA
Offset Supply Leakage Current
ILK
—
—
50
µA
VB = VS = 600V
Quiescent VBS Supply Current
IBSQ
20
60
150
µA
VIN = 0V or 5V
Quiescent VCC Supply Current
ICCQ
0.4
1.0
1.8
mA
VIN = 0V or 5V
Logic “1” Input Bias Current
IIN+
—
25
60
µA
IN = 5V, SD* = 0V
Logic “0” Input Bias Current
IIN-
—
—
1.0
µA
IN = 0V, SD* = 5V
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
8.0
8.9
9.8
V
—
VBS Supply Undervoltage Negative Going Threshold
VBSUV-
7.4
8.2
9.0
V
—
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
8.0
8.9
9.8
V
—
VCC Supply Undervoltage Negative Going Threshold
VCCUV-
7.4
8.2
9.0
V
—
Output-High Short-Circuit Pulsed Current
IO+
1.4
1.9
—
A
VO = 0V, PW ≤ 10µs
Output-Low Short-Circuit Pulsed Current
IO-
1.7
2.3
—
A
VO = 15V, PW ≤ 10µs
Note:
7. The VIN and IIN parameters are referenced to VSS and are applicable to the two logic input pins: IN and SD*. The VO and IO parameters are referenced to
COM and are applicable to the respective output pins: HO and LO.
AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, VSS = COM, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-On Propagation Delay
tON
—
680
900
ns
VS = 0V
Turn-Off Propagation Delay
tOFF
—
270
400
ns
VS = 0V or 600V
Shut-Down Propagation Delay
tSD
—
180
270
ns
—
Delay Matching, HO & LO Turn-On
tDMON
—
—
90
ns
—
Delay Matching, HO & LO Turn-Off
tDMOFF
—
—
40
ns
—
Turn-On Rise Time
tR
—
40
60
ns
VS = 0V
Turn-Off Fall Time
tF
—
20
35
ns
VS = 0V
Deadtime: tDT LO-HO & tDT HO-LO
tDT
280
400
520
ns
RDT = 0
4
5
6
µs
RDT = 200k
Deatime Matching = tDT LO-HO - tDT HO-LO
tMDT
—
0
50
ns
RDT = 0
—
0
600
ns
RDT = 200k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com