Electronic Components Datasheet Search
  English  ▼

X  

LSP5526 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # LSP5526
Description  2A 23V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5526 Datasheet(HTML) 3 Page - Diodes Incorporated

  LSP5526 Datasheet HTML 1Page - Diodes Incorporated LSP5526 Datasheet HTML 2Page - Diodes Incorporated LSP5526 Datasheet HTML 3Page - Diodes Incorporated LSP5526 Datasheet HTML 4Page - Diodes Incorporated LSP5526 Datasheet HTML 5Page - Diodes Incorporated LSP5526 Datasheet HTML 6Page - Diodes Incorporated LSP5526 Datasheet HTML 7Page - Diodes Incorporated LSP5526 Datasheet HTML 8Page - Diodes Incorporated LSP5526 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LSP5526
Document number: DS44109 Rev. 9 - 2
3 of 17
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5526
Pin Assignment
1
8
7
6
5
2
3
4
SS
EN
COMP
FB
BS
SW
GND
(TOP View)
SOP-8L
VIN
Pin Descriptions
Pin Name
Name
Pin Description
1
BS
Bootstrap. This pin acts as the positive rail for the high-
side switch’s gate driver.
Connect a 0.01uF capacitor between BS and SW.
2
VIN
Input Supply. Bypass this pin to GND with a low ESR capacitor. See Input
Capacitor in the Application Information section.
3
SW
Switch Output. Connect this pin to the switching end of the inductor.
4
GND
Ground.
5
FB
Feedback Input. The voltage at this pin is regulated to 0.925V. Connect to the
resistor divider between output and ground to set output voltage.
6
COMP
Compensation Pin. See Stability Compensation in the Application Information
section.
7
EN
Enable Input. When higher than 2.7V, this pin turns the IC on. When lower than
1.1V, this pin turns the IC off. Output voltage is discharged when the IC is off.
This pin should not be left open. Recommend to put a 200K
Ω pull-up resistor to
Vin for startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. A 0.1uF capacitor sets the soft-start
period to 15ms. To disable the soft-start feature, leave SS unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com