Electronic Components Datasheet Search
  English  ▼

X  

CPC5611ATR Datasheet(PDF) 12 Page - Clare, Inc.

Part # CPC5611ATR
Description  LITELINK??II Silicon Data Access Arrangement (DAA) IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5611ATR Datasheet(HTML) 12 Page - Clare, Inc.

Back Button CPC5611ATR Datasheet HTML 8Page - Clare, Inc. CPC5611ATR Datasheet HTML 9Page - Clare, Inc. CPC5611ATR Datasheet HTML 10Page - Clare, Inc. CPC5611ATR Datasheet HTML 11Page - Clare, Inc. CPC5611ATR Datasheet HTML 12Page - Clare, Inc. CPC5611ATR Datasheet HTML 13Page - Clare, Inc. CPC5611ATR Datasheet HTML 14Page - Clare, Inc. CPC5611ATR Datasheet HTML 15Page - Clare, Inc. CPC5611ATR Datasheet HTML 16Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
CPC5610/CPC5611
12
www.clare.com
Rev. 9.0
rent. The photocurrent, a linear representation of the
receive signal, is amplified and converted to a differen-
tial voltage output on RX+ and RX-.
Variations in gain are controlled to within ±1 dB by an
on-chip automatic gain control (AGC) circuit, which
sets the output of the photoamplifier to unity gain.
To accommodate single-supply operation, LITELINK
includes a small DC bias on the RX outputs of 1.0
Vdc. Most applications should AC couple the RX out-
puts as shown in Figure 6.
LITELINK may be used for differential or single-ended
output as shown in Figure 6. Single-ended use will
produce 6 dB less signal output amplitude. Do not
exceed 0 dBm into 600
Ω (2.2 V
P-P) signal input.
Figure 6. Differential and Single-ended Receive
Path Connections to LITELINK
3.3.2 Transmit Signal Path
Connect transmit signals from the host equipment to
the TX+ and TX- pins of LITELINK. Do not exceed a
signal level of 0 dBm in 600
Ω (or 2.2 V
P-P). Differen-
tial transmit signals are converted to single-ended sig-
nals in LITELINK. The signal is coupled to the transmit
photodiode amplifier in a similar manner to the receive
path.
The output of the photodiode amplifier is coupled to a
voltage-to-current converter via a transconductance
stage where the transmit signal modulates the tele-
phone line loop current. As in the receive path, gain is
set to unity automatically, limiting insertion loss to 0,
±1 dB.
Figure 7. Differential and Single-ended Transmit
Path Connections to LITELINK
3.4 DC Characteristics
The CPC5610 and CPC5611 are designed for world-
wide application regarding DC characteristics, includ-
ing use under the requirements of TBR-21. The ZDC,
DCS1, and DCS2 pins control the VI slope character-
istics of LITELINK. Selecting appropriate resistor val-
ues for RZDC (R16) and RDCS (R15) in the provided
application circuits assure compliance with DC
requirements.
3.4.1 Resistive Termination Applications
LITELINK includes a telephone line current limit fea-
ture that is selectable by selecting the desired value
for RZDC (R16) using the following formula:
Clare recommends using 8.2
Ω for R
ZDC in North
America and Japan, limiting telephone line current to
133 mA.
3.4.2 Reactive Termination Applications
TBR-21 sets the telephone line current limit at 60 mA.
To meet this requirement, set RZDC (R16) to 22.1 Ω.
See Clare application note AN-146 Guidelines for Effec-
tive LITELINK Designs for information on FET heat sink-
ing in this application.
RX+
RX-
RX+
RX+
RX
RX-
0.1uF
0.1uF
0.1uF
LITELINK
Host-side CODEC
or Voice Circuit
LITELINK
LITELINK
TXA1
TXA2
-
+
0.1uf
0.1uf
Host CODEC or
Transmit Circuit
Host CODEC or
Transmit Circuit
TX-
TX+
TXA1
-
+
0.1uf
0.1uf
TX-
TX+
ICLAmps
1V
RZDC
-------------
0.011A
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com