Electronic Components Datasheet Search
  English  ▼

X  

LAA125PL Datasheet(PDF) 5 Page - Clare, Inc.

Part # LAA125PL
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA125PL Datasheet(HTML) 5 Page - Clare, Inc.

  LAA125PL Datasheet HTML 1Page - Clare, Inc. LAA125PL Datasheet HTML 2Page - Clare, Inc. LAA125PL Datasheet HTML 3Page - Clare, Inc. LAA125PL Datasheet HTML 4Page - Clare, Inc. LAA125PL Datasheet HTML 5Page - Clare, Inc. LAA125PL Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LAA125L
www.clare.com
5
Rev. 10
MECHANICAL DIMENSIONS
Dimensions
mm
(inches)
Manufaturing Information
Soldering
Recommended soldering processes are limited to
245ºC component body temperature for 10 seconds.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
7.239 TYP.
(0.285)
3.302
(0.130)
9.144 TYP.
(0.360)
8 Pin DIP Through Hole (Standard)
PC Board Pattern
(Top View)
8-0.800 DIA.
(8-0.031 DIA.)
3.302
(0.130)
0.254 TYP.
(0.010)
0.635 TYP.
(0.025)
8 Pin Surface Mount (“S” Suffix)
PC Board Pattern
(Top View)
PC Board Pattern
(Top View)
1.193
(0.047)
0.787
(0.031)
2.159 TYP.
(0.085)
2.286 MAX.
(0.090)
0.203
(0.008)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com