Electronic Components Datasheet Search
  English  ▼

X  

LAA710STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LAA710STR
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA710STR Datasheet(HTML) 4 Page - Clare, Inc.

  LAA710STR Datasheet HTML 1Page - Clare, Inc. LAA710STR Datasheet HTML 2Page - Clare, Inc. LAA710STR Datasheet HTML 3Page - Clare, Inc. LAA710STR Datasheet HTML 4Page - Clare, Inc. LAA710STR Datasheet HTML 5Page - Clare, Inc. LAA710STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LAA710
R01.1
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LAA710
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
LAA710
Typical Turn-On vs.LED Forward Current
(Load Current = 1ADC)
Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
LAA710
Typical Turn-Off vs. LED Forward Current
(Load Current = 1ADC)
LED Forward Current (mA)
0
5
1015202530354045
0.090
0.080
0.070
0.060
0.050
0.040
0.030
0.020
0.010
0
50
LAA710
Typical On-Resistance vs. Temperature
(Load Current = 1ADC; IF = 10mADC)
Temperature (
°C)
-40
0.450
0.400
0.350
0.300
0.250
0.200
0.150
0.100
0.050
0
-20
0
20
40
60
80
100
LAA710
Typical IF for Switch Operation
vs. Temperature
(Load Current = 1ADC)
Temperature (
°C)
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LAA710
Typical IF for Switch Dropoff vs. Temperature
(Load Current = 1ADC)
Temperature (
°C)
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LAA710
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 10mADC
Load Voltage (V)
1000
800
600
400
200
0
-200
-400
-600
-800
-1000
-0.3
-0.2
-0.1
0.1
0.2
0
0.3
LAA710
Energy Rating Curve
Time
8
7
6
5
4
3
2
1
0
10
µs
1ms
100ms
10s
100
µs
10ms
1s
100s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com