Electronic Components Datasheet Search
  English  ▼

X  

LCA210LSTR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCA210LSTR
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA210LSTR Datasheet(HTML) 3 Page - Clare, Inc.

  LCA210LSTR Datasheet HTML 1Page - Clare, Inc. LCA210LSTR Datasheet HTML 2Page - Clare, Inc. LCA210LSTR Datasheet HTML 3Page - Clare, Inc. LCA210LSTR Datasheet HTML 4Page - Clare, Inc. LCA210LSTR Datasheet HTML 5Page - Clare, Inc. LCA210LSTR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCA210L
www.clare.com
3
Rev. 1.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LCA210L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 8mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LCA210L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; I
F=2mADC)
35
30
25
20
15
10
5
0
17.0
17.8
18.6
19.4
17.4
18.2
19.0
On-Resistance (
Ω)
LCA210L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
!#
!
#

#

#

" 
"!
""
"#
" #
"!#
""#
Blocking Voltage (V)
LCA210L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 85mADC)
1.30
2.34
3.38
0.78
1.82
2.86
3.9
LED Current (mA)
25
20
15
10
5
0
LCA210L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 85mADC
25
20
15
10
5
0
LED Current (mA)
)
1.30
2.34
3.38
0.78
1.82
2.86
3.9
LCA210L
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 85mADC; IF = 8mADC)
0.6
0.8
1.0
1.2
0.7
.9
1.1
Turn-On (ms)
25
20
15
10
5
0
LCA210L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 85mADC; IF = 8mADC)
0.0
0.2
0.4
0.6
0.5
0.3
0.1
Turn-Off (ms)
25
20
15
10
5
0
LCA210L
Typical Load Current vs. Temperature
Temperature (
°C)
180
160
140
120
100
80
60
40
20
0
-40 -20
0
20
40
60
80
120
100
16mA
8mA
LCA210L
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
LCA210L
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
430
425
420
415
410
405
400
395
-20
0
20
40
60
80
100
LCA210L
Typical Turn-On vs. Temperature
(Load Current = 40mADC)
Temperature (
°C)
8mA
16mA
32mA
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LCA210L
Typical Turn-Off vs. Temperature
(Load Current = 40mADC)
Temperature (
°C)
-40
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
8mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com