Electronic Components Datasheet Search
  English  ▼

X  

LCA712STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCA712STR
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA712STR Datasheet(HTML) 3 Page - Clare, Inc.

  LCA712STR Datasheet HTML 1Page - Clare, Inc. LCA712STR Datasheet HTML 2Page - Clare, Inc. LCA712STR Datasheet HTML 3Page - Clare, Inc. LCA712STR Datasheet HTML 4Page - Clare, Inc. LCA712STR Datasheet HTML 5Page - Clare, Inc. LCA712STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCA712
www.clare.com
3
Rev 1.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LCA712
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 10mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage (V)
LCA712
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC; IF = 10mADC)
35
30
25
20
15
10
5
0
0.215
0.225
0.235
0.255
0.245
0.265
On-Resistance (
Ω)
LCA712
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
72
74
76
78
80
82
Blocking Voltage (V)
LCA712
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC)
1.25
2.25
3.25
1.75
2.75
3.75
LED Current (mA)
25
20
15
10
5
0
LCA712
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC)
25
20
15
10
5
0
1.25
2.25
3.25
1.75
2.75
3.75
LED Current (mA)
LCA712
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC; IF = 10mADC)
0.7
1.1
1.5
0.5
0.9
1.3
Turn-On (ms)
25
20
15
10
5
0
LCA712
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC; IF = 10mADC)
0.05
0.09
0.13
0.03
0.07
0.11
Turn-Off (ms)
25
20
15
10
5
0
LCA712
Typical Maximum
Load Current vs. Temperature
Temperature (
°C)
1800
1600
1400
1200
1000
800
600
400
-40
-20
0
20
40
60
80
120
100
I = 20mA
I = 10mA
I = 5mA
F
F
F
LCA712
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6 @ V = max)
Temperature (
°C)
-40
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0
-20
0
20
40
60
80
100
L
LCA712
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
81.0
80.0
79.0
78.0
77.0
76.0
75.0
74.0
73.0
-20
0
20
40
60
80
100
LCA712
Typical Turn-On vs. Temperature
(Load Current = 1ADC)
Temperature (
°C)
-40
1.400
1.200
1.000
0.800
0.600
0.400
0.200
0
-20
0
20
40
60
80
100
I = 20mA
F
I = 10mA
F
LCA712
Typical Turn-Off vs. Temperature
(Load Current = 1ADC, I = 10mA)
Temperature (
°C)
-40
0.140
0.120
0.100
0.080
0.060
0.040
0.020
0
-20
0
20
40
60
80
100
F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com