Electronic Components Datasheet Search
  English  ▼

X  

USB3505 Datasheet(PDF) 4 Page - Global Connector Technology

Part # USB3505
Description  Micro USB Type B Receptacle,Top-Mount,IP67
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3505 Datasheet(HTML) 4 Page - Global Connector Technology

  USB3505 Datasheet HTML 1Page - Global Connector Technology USB3505 Datasheet HTML 2Page - Global Connector Technology USB3505 Datasheet HTML 3Page - Global Connector Technology USB3505 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.00
4.00+0.10
-0.00
Ø1.
50
+0.
10
-0.0
0
Unloaded Section
About 120mm long
Label
24.5
About 120mm long
Unloaded Section
Product Loaded Section
Peeling Angle
30.5
400 min.
165° ~ 180°
User Direction of Unreeling
Notes:
Peeling off force of top tape: 0.1-1.3N (Peeling direction as shown)
Materials:
Carrier Tape: Polystyrene (PS)
Top Tape: PE
Reel Tape: Polystyrene (PS)
Bag: PE
355mm x 355mm x 305mm
Tape & Reel
Void filler
Box dimensions
Inner carton dimensions
Vacuum Bag
340mm x 340mm x 285mm
Pcs /
Reel
Reels /
Carton
Total
Quantity
1000
9
9000
12.00±0.10
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
4/4
USB3505
CC
USB3505
B PCN
By
Detail
Revision
Part Number
Drawing Date
6th September 2019
Date
Micro USB Type B Receptacle,Top-Mount,IP67
B2
22/06/22
www.gct.co



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com