Electronic Components Datasheet Search
  English  ▼

X  

USB4120 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4120
Description  USB 2.0 Type C Receptacle, 16contacts, Vertical, SMT, H=6.5mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4120 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4120 Datasheet HTML 1Page - Global Connector Technology USB4120 Datasheet HTML 2Page - Global Connector Technology USB4120 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8.34+0.06
-0.02
8.94
4x 0.50±0.05
4.80±0.15
7.50±0.10
5.50±0.10
0.50±0.05
3.16
4.30±0.20
0.10
Ordering Grid
Request Samples
and Quotation
USB4120
C
Packing Options
C = Tape & Reel with Cap
(600 per reel)
03
Contact Plating
03 = 3u" Gold
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy (C1814), T=0.12mm
Mid Plate: Stainless Steel (SUS301), T=0.15mm
Shell: Stainless Steel (SUS304), T=0.30mm
Plating
Contact
Contact Area: 3u" Au over 50µ" min. Nickel
Solder Tails: Gold Flash over 50µ" min. Nickel
Shell: 30µ" min. Nickel
Mid Plate: Cleaning
Electrical
Current Rating:
5.00A collectively for VBUS pins
6.25A collectively for GND pins
1.25A for B5 pin
0.25A per pin for all other pins
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -25°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
USB 2.0 Type C Receptacle, 16contacts, Vertical,
SMT, H=6.5mm
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4120
A3
28th September 2020
27/12/21
www.gct.co
A1
A12
B12
B1
A1
A12
B12
B1
16x 0.20±0.05
2x Ø0.40±0.05


Similar Part No. - USB4120

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4125 GCT-USB4125 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
28th September 2020
More results

Similar Description - USB4120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4145 ETC-USB4145 Datasheet
224Kb / 4P
USB2.0 TYPE C Receptacle, Vertical, SMT, H=7.46mm, 16pin
28/06/22
logo
Global Connector Techno...
USB4115 GCT-USB4115 Datasheet
176Kb / 3P
USB3.2 Gen2 Type C Receptacle, Vertical, SMT, H=9.25mm
07/10/21
USB4105 GCT-USB4105 Datasheet
198Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
4th October 2019
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
USB4140 GCT-USB4140 Datasheet
230Kb / 4P
USB Type C Receptacle, Vertical, SMT, For Power charging only, H=6.50mm, 6 Pin
25th February 2022
USB4145 GCT-USB4145 Datasheet
240Kb / 4P
USB2.0 Type C Receptacle, Vertical, SMT, H=7.46mm, 16 Pin
28th June 2022
USB4500 GCT-USB4500 Datasheet
173Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 0.8mm Offset
1st July 2021
USB4505 GCT-USB4505 Datasheet
157Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.0mm Offset
1st July 2021
USB4510 GCT-USB4510 Datasheet
163Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.6mm Offset
1st July 2021
USB4520 GCT-USB4520 Datasheet
168Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 2.1mm Offset
1st July 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com