Electronic Components Datasheet Search
  English  ▼

X  

PLA170S Datasheet(PDF) 4 Page - Clare, Inc.

Part # PLA170S
Description  Single Pole OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA170S Datasheet(HTML) 4 Page - Clare, Inc.

  PLA170S Datasheet HTML 1Page - Clare, Inc. PLA170S Datasheet HTML 2Page - Clare, Inc. PLA170S Datasheet HTML 3Page - Clare, Inc. PLA170S Datasheet HTML 4Page - Clare, Inc. PLA170S Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
PLA170
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
PLA170
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
IF = 50mA
IF = 10mA
IF = 5mA
PLA170
Typical Turn-On vs. LED Forward Current
(Load Current = 100mA
DC)
LED Forward Current (mA)
0
5
10 15 20 25 30 35 40 45
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
PLA170
Typical Turn-Off vs. LED Forward Current
(Load Current = 100mA
DC)
LED Forward Current (mA)
0
5
10 15 20 25 30 35 40 45
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
50
PLA170
Typical On-Resistance vs. Temperature
(Load Current = 50mA
DC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
IF = 5mA
PLA170
Typical IF for Switch Operation
vs. Temperature
(Load Current = 70mA
DC)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0.000
-20
0
20
40
60
80
100
PLA170
Typical I
F for Switch Dropout
vs. Temperature
(Load Current = 70mA
DC)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0.000
-20
0
20
40
60
80
100
Load Voltage (V)
150
100
50
0
-50
-100
-150
-6
-4
-2
0
2
4
6
PLA170
Energy Rating Curve
Time
10µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100µs
100ms 1s
10ms
10s 100s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com