Electronic Components Datasheet Search
  English  ▼

X  

PLA170STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # PLA170STR
Description  Single Pole OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA170STR Datasheet(HTML) 3 Page - Clare, Inc.

  PLA170STR Datasheet HTML 1Page - Clare, Inc. PLA170STR Datasheet HTML 2Page - Clare, Inc. PLA170STR Datasheet HTML 3Page - Clare, Inc. PLA170STR Datasheet HTML 4Page - Clare, Inc. PLA170STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLA170
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
PLA170
DC
35
30
25
20
15
10
5
0
39
41
43
45
40
42
44
0
35
30
25
20
15
10
5
0
880
890
900
905
875
885
895
Blocking Voltage (V)
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
PLA170
Typical I
F for Switch Operation
(N=50 Ambient Tempurature = 25ºC)
(Load Current = 100mA
DC)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
0
0.30
0.40
0.50
0.60
0.35
0.45
0.55
Turn-On (ms)
25
20
15
10
5
0
0
0.070
0.080
0.090
0.085
0.075
Turn-Off (ms)
35
30
25
20
15
10
5
0
0
PLA170
Typical Maximum Load Current
vs. Temperature
220
200
180
160
140
120
100
80
60
40
-40
-20
0
20
40
60
80
120
100
DC Configuration
AC/DC Configuration
IF = 5mA
IF = 5mA
IF = 10mA
PLA170
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
-40
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
PLA170
Typical Blocking Voltage
vs. Temperature
-40
1050
1000
950
900
850
800
750
700
-20
0
20
40
60
80
100
PLA170
Typical Turn-On vs. Temperature
(Load Current = 70mA
DC)
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
IF = 5mA
IF = 10mA
PLA170
Typical Turn-Off vs. Temperature
(Load Current = 70mA
DC)
-40
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
IF = 5mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com