Electronic Components Datasheet Search
  English  ▼

X  

PLA192STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # PLA192STR
Description  Single Pole OptoMOS Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA192STR Datasheet(HTML) 4 Page - Clare, Inc.

  PLA192STR Datasheet HTML 1Page - Clare, Inc. PLA192STR Datasheet HTML 2Page - Clare, Inc. PLA192STR Datasheet HTML 3Page - Clare, Inc. PLA192STR Datasheet HTML 4Page - Clare, Inc. PLA192STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
PLA192
Rev. 2.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PLA192
Typical Turn-On vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
120
100
I =5mA
F
PLA192
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
PLA192
Typical Turn-On vs. LED Forward Current
(Load Current = 150mADC)
Forward Current (mA)
0
5
1015202530354045
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
50
PLA192
Typical Turn-Off vs. LED Forward Current
(Load Current = 150mADC)
Forward Current (mA)
0
5
10152025303540
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
PLA192
Typical IF for Switch Operation
vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
PLA192
Typical LED Forward Voltage Dropout
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40 -20
0
20
40
60
80
120
100
5mA
PLA192
Energy Rating Curve
Time
10
µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100
µs
100ms
1s
10ms
10s
100s
PLA192
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5 0
1.5
1.0
0.5
2.0 2.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com