Electronic Components Datasheet Search
  English  ▼

X  

SIM8051 Datasheet(PDF) 3 Page - Global Connector Technology

Part # SIM8051
Description  Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM8051 Datasheet(HTML) 3 Page - Global Connector Technology

  SIM8051 Datasheet HTML 1Page - Global Connector Technology SIM8051 Datasheet HTML 2Page - Global Connector Technology SIM8051 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Direction of Unreeling
2.00
4.00
Ø1
.50
16.00
2.60
160mm
24.5
128mm
Unloaded Section
Product Loading
Peeling Angle
28.5
400 Min. 165°~180°
Unloaded
Section
Section
Products P/N Pcs / Reel Reels/Carton Reels/Carton
SIM8051
1500
9
13500
Reel Label
RoHS Label
1500Pcs/Reel
Vacuum Bag
44cmX45cm
Desiccant
Box label
RoHS Label
Box: 355mmX355mmX305mm
Inner Carton:340mmX340mmX285mm
Inner Carton Label
RoHS Label
13500Pcs/carton
Notes:
Peeling off force of top tape: 0.1-1.3N (Peeling direction as shown)
Materials:
Carrier Tape: Polystyrene (PS)
Top Tape: PE
Reel Tape: Polystyrene (PS)
Vacuum Bag: PE
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
3/3
CC
By
Detail
Revision
Part Number
Drawing Date
Date
Nano SIM Card Connector
Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
SIM8051
28th April 2015
SIM8051
D PCN
D6
14/07/22
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com