Electronic Components Datasheet Search
  English  ▼

X  

SIM8055 Datasheet(PDF) 1 Page - Global Connector Technology

Part # SIM8055
Description  Nano SIM Card Connector,Push-Pull Type,with Switch 6 Pin, SMT, Profile 1.35mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM8055 Datasheet(HTML) 1 Page - Global Connector Technology

  SIM8055 Datasheet HTML 1Page - Global Connector Technology SIM8055 Datasheet HTML 2Page - Global Connector Technology SIM8055 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ordering Grid
Request Samples
and Quotation
Specification:
Material:
Plastic Housing: LCP 30%GF, UL94V-0, Black
Contact Terminal: Phosphor Bronze,T= 0.12mm
Cover: SUS301-H,T= 0.15mm
Plating:
Contact Terminal:
Contact Area: 3µ” Gold
Solder area: Gold Flash
Underplating: Ni overall 50µ" min.
Cover: Ni overall 50µ" min.
Mechanical:
Duration: 5000 cycles
Electrical:
Voltage Rating: 30V max.
Current Rating: 0.5A max.
Operating Temperature: -40°C to +85°C
Dielectric Withstanding Voltage: 100V AC (60 Sec min.)
Insulation Resistance: 1000 MΩ min.
Contact Resistance: 100 mΩ max.
SIM8055
No. of Contacts
6 = 6
6
Switch
1 = With
1
14
XX
A
Packing Options
A = Tape & Reel
(1500 per Reel)
Locating Peg
01 = With
00 = Without
Profile Height (H)
14 = 1.35mm
Section A-A
Pick/Place
area
(9.54)
5.08
0.30
8.94+0.15
-0.00
9.00±0.10
4.60
Ø0.60
0.12
1.95
8.30±0.10
0.70
C1
C2
C3
C6
C7
CD
A
A
0.37±0.05
0.35
0.10
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.35
X.X ± 0.25
X.XX ± 0.15
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
CC
By
Detail
Revision
Part Number
Drawing Date
Date
All ± 2°
SIM8055
Nano SIM Card Connector,Push-Pull Type,with Switch
6 Pin, SMT, Profile 1.35mm
Drawing
Release
A5
27th November 2017
22/01/21
10.8
Recommended PCB Layout
As viewed from component side General Tolerance ±0.05
Locating peg holes only applicable to locating peg version
Component Outline
Solder Area
Keep Out Area
2.54 2.54
www.gct.co
5x 1.00
C5
C6
C7
C1
C2
C3
10.60
5.08
2x 1.00
Ø0.90+0.10
-0.00
Ø0.70+0.10
-0.00
4.60
9.00
CD
2.54
1.20
0.50
7.15
-X-
C5
Card Detect Switch Circuit:
C5
Without Card
(Normally Open)
Card
Detect
C5
Card
Detect
Card Inserted
6x 1.20


Similar Part No. - SIM8055

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
More results

Similar Description - SIM8055

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS008-6001-0 YAMAICHI-FMS008-6001-0 Datasheet
325Kb / 1P
8 Pin SIM Card Reader (Push / Push with Switch)
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Wurth Elektronik GmbH &...
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
Global Connector Techno...
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
SIM8066 GCT-SIM8066 Datasheet
214Kb / 3P
no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile
19th March 2021
logo
ATTEND Technology Inc.
115U ATTEND-115U Datasheet
301Kb / 4P
6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
2021/1/27
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com