Electronic Components Datasheet Search
  English  ▼

X  

USB1030 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1030
Description  USB Receptacle, Type B, 4 Pin, Through Hole, R/A, Top Mount, With Kinked Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1030 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1030 Datasheet HTML 1Page - Global Connector Technology USB1030 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
GF = Gold Flash (Standard)
15 = 15µ" Gold
USB1030
XX
Insulator Material
P = PBT
X
Insulator Colour
B = Black (Standard)
P
Front Shield
3.50
2.50
Rear Shield
5.60
3
2
4
1
P.C.B. EDGE
12.04
2
1
3
4
RECOMMENDED P.C.B LAYOUT
THICKNESS: 1.6mm GENERAL TOLERANCE: ±0.05
AS VIEWED FROM COMPONENT SIDE
Solder Area
Component Outline
12.10
2x Ø0.92±0.10
B
Packing Options
B = Tray
(100 per tray)
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
1/2
USB Receptacle, Type B, 4 Pin, Through Hole,
R/A, Top Mount, With Kinked Shell Stakes
CC
USB1030
B PCN
By
Detail
Revision
Part Number
Drawing Date
Date
X.° ± 1°
X.X°. ± 0.5°
USB1030
B1
14th February 2011
05/12/16
Request Samples
and Quotation
Specifications 规格:
Materials & Plating 物料与电镀:
Plastic Housing 塑胶外壳: Thermoplastic, PBT, Glass Fibre Filled, UL94V-0
热塑性塑料, PBT; 玻纤填充,UL94V-0
Contact Terminal 接触端子: Brass (t=0.25mm) 黄铜
Metallic Shell 金属外壳: Brass 黄铜
Metallic Shell Rear 金属外壳后: Steel 钢
Finish表面处理:
Underplating 底层电镀: 50µ" Nickel 50µ" 镍
Plating 电镀:
Contact Area 接触面积: Gold Flash or 15µ" Gold 闪金或15µ"金
Solder Tails 焊接末端: 50µ" Tin 50µ" 锡
Metallic Shell 金属外壳: Nickel 镍
Electrical 电气规格:
Voltage Rating电压额定值: 30V
Current Rating电流额定值: 1.5A
Operating Temperature 工作温度: -40°C to +85°C
Contact Resistance接触电阻值: 30m
 Max.
Insulating Resistance绝缘电阻值: 1000M
 Min.
Dielectric Withstand Voltage耐电压: 500V AC
Mechanical 机械性规格:
Mating Force插入力: 35N (3.57Kgf) Max.
Unmating Force拨出力: 10N (1.02Kgf) Min.
Durability耐久性: 1,500 Cycles 1500次插拨
2x
2.
30
±0
.1
0
2.50
www.gct.co


Similar Part No. - USB1030

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
More results

Similar Description - USB1030

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
USB1046 GCT-USB1046 Datasheet
203Kb / 2P
USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
8th September 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com