Electronic Components Datasheet Search
  English  ▼

X  

USB1061 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1061
Description  USB Plug, Type A, 4 Pin, Mid-Mount, Offset 1.43mm, SMT, Horizontal, Top Mount, Plastic Peg & Kinked Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1061 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1061 Datasheet HTML 1Page - Global Connector Technology USB1061 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
GF = Gold Flash
USB1061
GF
Specification
Material
Plastic Housing: LCP, UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell: Steel
Plating
Underplating: 50µ" Nickel
Plating:
Contact Area: See ordering grid
Solder Tails: 100µ" Tin
Metallic Shell: Nickel
Electrical
Voltage Rating: 30 V
Current Rating: 3.0A
Operating Temperature: -55°C to +85°C
Contact Resistance: 30 m
Ω max.
Insulating Resistance: 1000 M
Ω min.
Dielectric Withstand Voltage: 500 V AC
Mechanical & Environmental
Mating Force: 35N (3.57Kgf) max.
Unmating Force: 10N (1.02Kgf) min.
Durability: 5,000 Cycles
Insulator Material
L = LCP
L
Recommended PCB Layout
As viewed from component side.
Recommended PCB Thickness: 1.20mm
General Tolerance: ±0.05
Solder Area
Component Outline
Packing Options
A = Tape & Reel
(450 per reel)
A Request Samples
and Quotation
4.50±0.10
Ø1
.00
12.00±0.10
2.50±0.10
32
1
11.60
12.70±0.15
4
7.00±0.15
43
2
1
0.60±0.05
2.00±0.15
0.10
2.00±0.10
3.00
4x1.20
3.50
1.00
2.25
11.70
0.70±0.05
43
2
1
PCB Edge
3.50
2
x Ø
1.
10
+0
.15
-0
.0
0
0.
10
A
B
0.10 B
-B-
1.00
2.25
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
USB1061
USB Plug, Type A, 4 Pin, Mid-Mount, Offset 1.43mm, SMT,
Horizontal, Top Mount, Plastic Peg & Kinked Shell Stakes
CC
By
Detail
Revision
Part Number
Drawing Date
Date
Drawing
Release
A2
2nd December 2014
06/12/21
www.gct.co


Similar Part No. - USB1061

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB10 MICROSEMI-USB10 Datasheet
136Kb / 3P
RECTIFIERS ASSEMBLIES
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
Programmable Low-Cost USB Machine (PLUM)
logo
Extech Instruments Corp...
USB100 EXTECH-USB100 Datasheet
247Kb / 1P
Appliance Tester/Power Analyzer
USB100 EXTECH-USB100 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
USB100 EXTECH-USB100 Datasheet
296Kb / 1P
1000A 3-Phase Power Analyzer/Datalogger
More results

Similar Description - USB1061

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3135 GCT-USB3135 Datasheet
202Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
1st June 2012
USB1015 GCT-USB1015 Datasheet
200Kb / 2P
USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset, Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1020 GCT-USB1020 Datasheet
213Kb / 2P
USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1030 GCT-USB1030 Datasheet
203Kb / 2P
USB Receptacle, Type B, 4 Pin, Through Hole, R/A, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
USB1046 GCT-USB1046 Datasheet
203Kb / 2P
USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
8th September 2014
USB1055 GCT-USB1055 Datasheet
212Kb / 3P
USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
14th February 2011
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3080 GCT-USB3080 Datasheet
228Kb / 2P
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
04th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com