Electronic Components Datasheet Search
  English  ▼

X  

USB1115 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1115
Description  USB 3.0 Rec., Type A, Slim Type w/Cutaway Face, T-H, Horizontal, Mid-Bottom Mount, 9 Pin, w/Outer Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1115 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1115 Datasheet HTML 1Page - Global Connector Technology USB1115 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9x0.40±0.05
8.85±0.10
8.65
8.85
2x1.40
8.15
7.00
4.00
0.10
0.10
0.10
2.00
0.10
7.28
2x1.00
9x0.20±0.05
1.20±0.10
11.48±0.15
12.5±0.30
0.92
7.00
2.00
PCB Edge
13.80
4x0.70±0.05
PTH 10
PTH 11
PTH 12
PTH 13
15.70
8.15
2.075
12.40
0.70
4
32
1
9
8
7
6
5
1.50
2.50
6.00
Pin 1
PIN 9
Section B-B
Section A-A
B
Recommended PCB Layout
as viewed from component side
Tol ±0.05mm, Thickness: 1.0mm~1.2mm
Component Outline
Keep Out Area
Mating Dimensions
12.90
0.40
1.20
12.3±0.20
4x 0.30±0.05
11.10±0.10
0.95±0.05
B
15.7
4
32
1
9
8
7
6
A
A
5
11.92
USB1115
Ordering Grid
30
Contact Plating
30 = 30µ" Gold
Insulator Colour
B = Black
B
Packing Options
A = Tape & Reel
(400 per reel)
A Request Samples
and Quotation
Specifications 规格
Material 物料
Plastic Housing 塑胶外壳: LCP, UL94V-0
Contact Terminal 接触端子: Copper Alloy
Metallic Shell 金属外壳: SUS201
Plating 电镀
Underplating 底层电镀: 50µ" min. Nickel
Contact Area 接触面积: Gold (See ordering grid)
Solder Tails 焊接末端: 80µ" min. Matte Tin
Metallic Shell 金属外壳: 50µ" min. Nickel
Electrical 电气
Voltage Rating 电压额定值: 100 V AC/DC
Current Rating 电流额定值: 0.25A (Signal Pins 2,3,5,6,7,8,9)
1.8A (Power Pins 1,4)
Operating Temperature 工作温度: -55°C to +85°C
Contact Resistance接触电阻值: 30 mΩ max.
Insulation Resistance 绝缘电阻值: 1000 MΩ min.
Dielectric Withstand Voltage 耐电压: 100V AC
Mechanical & Environmental 机械 & 环境
Mating Force 插入力: 35N max.
Unmating Force 拨出力: 10N min. initial, 8N min. after test
Durability 耐久性: 5,000 Cycles
A
1
B
C
D
23
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.38
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
USB1115
USB 3.0 Rec., Type A, Slim Type w/Cutaway Face, T-H,
Horizontal, Mid-Bottom Mount, 9 Pin, w/Outer Shell Stakes
AJO
USB1115
B PCN
B
By
Detail
Revision
Part Number
Drawing Date
6th December 2013
12/08/15
Date
± 2°
www.gct.co


Similar Part No. - USB1115

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
More results

Similar Description - USB1115

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3135 GCT-USB3135 Datasheet
202Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
1st June 2012
USB1015 GCT-USB1015 Datasheet
200Kb / 2P
USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset, Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1020 GCT-USB1020 Datasheet
213Kb / 2P
USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1046 GCT-USB1046 Datasheet
203Kb / 2P
USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
8th September 2014
USB1055 GCT-USB1055 Datasheet
212Kb / 3P
USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
14th February 2011
USB1061 GCT-USB1061 Datasheet
150Kb / 2P
USB Plug, Type A, 4 Pin, Mid-Mount, Offset 1.43mm, SMT, Horizontal, Top Mount, Plastic Peg & Kinked Shell Stakes
2nd December 2014
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3076 GCT-USB3076 Datasheet
201Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
26th August 2011
USB3090 GCT-USB3090 Datasheet
244Kb / 2P
Micro USB Receptacle, Type AB SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com