Electronic Components Datasheet Search
  English  ▼

X  

USB1125 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1125
Description  USB 2.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount, Without Flange
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1125 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1125 Datasheet HTML 1Page - Global Connector Technology USB1125 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.50
X.XX ± 0.30
X.XXX ± 0.20
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/2
USB1125
USB 2.0 Receptacle, Type A,Through Hole,
Horizontal, Top Mount, Without Flange
CC
Drawing
Release
A1
By
Detail
Revision
Part Number
Drawing Date
12th June 2020
08/01/21
Date
± 2°
www.gct.co
Specifications
Material
Insulator: PA9T, Black, UL94V-0
Contact: Copper Alloy
Shell: SK7
Plating
Contact:
Contact Area: Gold Flash
Solder Tails: 100u" min. Tin
Underplating: 50u" min. Nickel
Shell: 50u" min. Nickel Plating Overall
Electrical
Current Rating: 3.0 Amp
Voltage Rating: 30V rms max.
Contact Resistance: 30 mΩ max.
Insulation Resistance: 1000 M
Ω min.
Dielectric Withstand Voltage: 500 V AC
Mechanical & Environmental
Operating Temperature: -30°C to +85°C
Mating Force: 35N max.
Unmating Force: 10N min.
Durability: 5000 cycles
Ordering Grid
Contact Plating
GF = Gold Flash
USB1125
GF
B
Packing Options
B = Tray
(100 per tray)
Request Samples
and Quotation
13.10
12.50±0.10
11.10±0.10
7.00 ref.
2.00 ref.
2x1.60+0.05
-0.10
4x 1.20+0.20
-0.10
4x 0.25±0.05
2.00 ref.
7.00 ref.
12.80
4x 0.60±0.05
2x 0.30±0.10
0.15 B
0.20 A
4x 0.85±0.05
4x 0.50 Max.
B
6.00±0.25
A
2.00
7.00
12.80
4x Ø0.92
Recommended PCB Layout
Tolerance:±0.05mm
2x 0.60
PCB Edge
Mating View
2.85 Min.


Similar Part No. - USB1125

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB1100 GCT-USB1100 Datasheet
232Kb / 2P
USB 3.0 Dual Receptacle, Full Size, Type A, Top Mount, Horizontal, Through-Hole
20th February 2013
logo
Fairchild Semiconductor
USB1101 FAIRCHILD-USB1101 Datasheet
445Kb / 10P
USB 2.0 FS Peripheral Transceiver
USB1101L10X FAIRCHILD-USB1101L10X Datasheet
445Kb / 10P
USB 2.0 FS Peripheral Transceiver
logo
Global Connector Techno...
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
USB1115 GCT-USB1115 Datasheet
209Kb / 2P
USB 3.0 Rec., Type A, Slim Type w/Cutaway Face, T-H, Horizontal, Mid-Bottom Mount, 9 Pin, w/Outer Shell Stakes
6th December 2013
More results

Similar Description - USB1125

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
614004190021 WURTH-614004190021 Datasheet
863Kb / 3P
USB 2.0 TYPE A HORIZONTAL THT
logo
Global Connector Techno...
USB4800 GCT-USB4800 Datasheet
193Kb / 2P
USB Type C Receptacle for USB 2.0, SMT, Horizontal, 3.50mm Elevated Top Mount, 16Pin
5th July 2022
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1086 GCT-USB1086 Datasheet
300Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Vertical, Top Mount
06th January 2020
USB1100 GCT-USB1100 Datasheet
232Kb / 2P
USB 3.0 Dual Receptacle, Full Size, Type A, Top Mount, Horizontal, Through-Hole
20th February 2013
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
USB1130 GCT-USB1130 Datasheet
214Kb / 2P
USB 2.0 Receptacle, Type A, 4 Pin, Through Hole, Horizontal, Top Mount, Without Flange
6th August 2020
USB1135 GCT-USB1135 Datasheet
307Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount
6th August 2020
USB3100 GCT-USB3100 Datasheet
206Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Horizontal, Top (Reverse) Mount, without Peg
1st June 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com